Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6VM2S Datasheet(PDF) 5 Page - Tyco Electronics

Part # 6VM2S
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VM2S Datasheet(HTML) 5 Page - Tyco Electronics

  6VM2S Datasheet HTML 1Page - Tyco Electronics 6VM2S Datasheet HTML 2Page - Tyco Electronics 6VM2S Datasheet HTML 3Page - Tyco Electronics 6VM2S Datasheet HTML 4Page - Tyco Electronics 6VM2S Datasheet HTML 5Page - Tyco Electronics 6VM2S Datasheet HTML 6Page - Tyco Electronics 6VM2S Datasheet HTML 7Page - Tyco Electronics 6VM2S Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
128
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
M Series
CORCOM Product Guide
Case Styles - Filtered Models
Case Styles - Unfiltered Models (cont'd)
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
3EXM1S & 3EZM1S (IEC Connector, DPST On/Off
Switch, Selectable Fuseholder)
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
Thread
6-32 x 1/4
G
D
B
A
1.13±.020
28.7±.508
C
1.88±.020
47.8±.508
3.09
78.49
Max.
E
3EXM4 & 3EZM4 (IEC Connector, Voltage Selector,
Selectable Fuseholder)
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
100V
120V
230V
240V
Thread
6-32 x 1/4
G
D
B
A
1.13±.020
28.7±.508
C
E
3.09
78.49
Max.
1.88±.020
47.8±.508
3EXM4S & 3EZM4S (IEC Connector, DPST On/Off
Switch, Voltage Selector, Selectable Fuseholder)
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
100V
120V
230V
240V
Thread
6-32 x 1/4
G
D
B
A
1.17±.020
29.7±.508
C
E
3.09
78.49
Max.
1.88±.020
47.8±.508
6VM2 & 6VM4 (IEC Connector, Voltage Selector,
Selectable Fuseholder)
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A
100V
120V
230V
240V
C
E
6VM4C (IEC Connector, Voltage Selector, Selectable
Fuseholder, Snap-In)
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
100V
120V
230V
240V
C
E
D
A
6VM4C.ai
6VM2S & 6VM4S (IEC Connector, DPST On/Off Switch,
Voltage Selector, Selectable Fuseholder)
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A
100V
120V
230V
240V
C
E
6VM4SC (IEC Connector, DPST On/Off Switch, Voltage
Selector, Selectable Fuseholder, Snap-In)
100V
120V
230V
240V
C
E
A
B
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com