Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL14K60 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPL14K60
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPL14K60 Datasheet HTML 7Page - STMicroelectronics STGIPL14K60 Datasheet HTML 8Page - STMicroelectronics STGIPL14K60 Datasheet HTML 9Page - STMicroelectronics STGIPL14K60 Datasheet HTML 10Page - STMicroelectronics STGIPL14K60 Datasheet HTML 11Page - STMicroelectronics STGIPL14K60 Datasheet HTML 12Page - STMicroelectronics STGIPL14K60 Datasheet HTML 13Page - STMicroelectronics STGIPL14K60 Datasheet HTML 14Page - STMicroelectronics STGIPL14K60 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STGIPL14K60
Electrical characteristics
Doc ID 15589 Rev 3
11/21
ISDl
SD logic “0” input bias current
SD = 0 V
3
µA
Dt
Dead time
see
Figure 8
600
ns
Table 10.
Logic inputs (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 11.
OPAMP characteristics (VCC = 15 V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vic = 0 V, Vo = 7.5 V
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
440
nA
Iib
Input bias current (1)
100
200
nA
Vicm
Input common mode voltage
range
0V
VOL
Low level output voltage
RL = 10 kΩ to VCC
75
150
mV
VOH
High level output voltage
RL = 10 kΩ to GND
14
14.7
V
Io
Output short circuit current
Source,
Vid = +1; Vo = 0 V
16
30
mA
Sink,
Vid = -1; Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1
÷ 4 V; C
L = 100 pF;
unity gain
2.5
3.8
V/
µs
GBWP
Gain bandwidth product
Vo = 7.5 V
8
12
MHz
Avd
Large signal voltage gain
RL = 2 kΩ
70
85
dB
SVR
Supply voltage rejection ratio
vs. VCC
60
75
dB
CMRR
Common mode rejection ratio
55
70
dB
1.
The direction of input current is out of the IC.
Table 12.
Sense comparator characteristics (VCC = 15 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iio
Input bias current
VCP+ = 1 V
-
3
µA
Vol
Open-drain low-level output
voltage
Iod = - 3 mA
-
0.5
V
td_comp
Comparator delay
SD/OD pulled to 5 V through
100 k
Ω resistor
-
90
130
ns
SR
Slew rate
CL = 180 pF; Rpu = 5 kΩ
-
60
V/µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com