Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL14K60 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIPL14K60
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIPL14K60 Datasheet HTML 9Page - STMicroelectronics STGIPL14K60 Datasheet HTML 10Page - STMicroelectronics STGIPL14K60 Datasheet HTML 11Page - STMicroelectronics STGIPL14K60 Datasheet HTML 12Page - STMicroelectronics STGIPL14K60 Datasheet HTML 13Page - STMicroelectronics STGIPL14K60 Datasheet HTML 14Page - STMicroelectronics STGIPL14K60 Datasheet HTML 15Page - STMicroelectronics STGIPL14K60 Datasheet HTML 16Page - STMicroelectronics STGIPL14K60 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STGIPL14K60
Electrical characteristics
Doc ID 15589 Rev 3
13/21
3.1.1
NTC thermistor
Equation 1: resistance variation vs temperature
Table 14.
NTC thermistor
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit.
R25
Resistance
TC = 25°C
5
k
Ω
R125
Resistance
TC = 125°C
300
Ω
B
B-constant
TC = 25°C
3435
k
T
Operating temperature
-40
125
°C
Figure 7.
NTC resistance vs temperature
RT
()
R
25
e
B
1
T
---
1
298k
-------------
–
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com