Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL14K60 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGIPL14K60
Description  IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGIPL14K60 Datasheet HTML 10Page - STMicroelectronics STGIPL14K60 Datasheet HTML 11Page - STMicroelectronics STGIPL14K60 Datasheet HTML 12Page - STMicroelectronics STGIPL14K60 Datasheet HTML 13Page - STMicroelectronics STGIPL14K60 Datasheet HTML 14Page - STMicroelectronics STGIPL14K60 Datasheet HTML 15Page - STMicroelectronics STGIPL14K60 Datasheet HTML 16Page - STMicroelectronics STGIPL14K60 Datasheet HTML 17Page - STMicroelectronics STGIPL14K60 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Electrical characteristics
STGIPL14K60
14/21
Doc ID 15589 Rev 3
3.2
Waveforms definitions
Figure 8.
Dead time and interlocking waveforms definitions
LIN
HIN
LVG
HVG
LIN
HIN
LVG
HVG
LIN
HIN
LVG
HVG
LIN
HIN
LVG
HVG
DTLH
DTHL
DTLH
DTHL
DTLH
DTHL
DTLH
DTHL
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
CONTROL SIGNAL EDGES
OVERLAPPED:
INTERLOCKING + DEAD TIME
CONTROL SIGNALS EDGES
SYNCHRONOUS (*):
DEAD TIME
CONTROL SIGNALS EDGES
NOT OVERLAPPED,
BUT INSIDE THE DEAD TIME:
DEAD TIME
CONTROL SIGNALS EDGES
NOT OVERLAPPED,
OUTSIDE THE DEAD TIME:
DIRECT DRIVING
(*) HIN and LIN can be connected together and driven by just one control signal
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com