Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM40TS Datasheet(PDF) 7 Page - Tyco Electronics

Part # IM40TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM40TS Datasheet(HTML) 7 Page - Tyco Electronics

Back Button IM40TS Datasheet HTML 3Page - Tyco Electronics IM40TS Datasheet HTML 4Page - Tyco Electronics IM40TS Datasheet HTML 5Page - Tyco Electronics IM40TS Datasheet HTML 6Page - Tyco Electronics IM40TS Datasheet HTML 7Page - Tyco Electronics IM40TS Datasheet HTML 8Page - Tyco Electronics IM40TS Datasheet HTML 9Page - Tyco Electronics IM40TS Datasheet HTML 10Page - Tyco Electronics IM40TS Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
7 of 28
AXICOM Signal Relays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
Unom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco
Electronics
part
number
Minimum
voltage Umin
Maximum
voltage Umax
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Latching Version
THT Standard latching 1 coil
1.5
1.13
4.30
-1.13
100
23
IM40TS
5-1462037-0
3
2.25
8.40
-2.25
100
90
IM41TS
5-1462037-3
4.5
3.38
12.90
-3.38
100
203
IM42TS
5-1462037-6
5
3.75
14.30
-3.75
100
250
IM43TS
5-1462037-8
6
4.50
17.10
-4.50
100
360
IM44TS
6-1462037-1
9
6.75
25.70
-6.75
100
810
IM45TS
3-1462037-2
12
9.00
34.30
-9.00
100
1440
IM46TS
6-1462037-6
24
18.00
48.50
-18.00
200
2880
IM47TS
6-1462037-9
THT Narrow latching 1 coil
1.5
1.13
4.30
-1.13
100
23
IM40NS
1-1462038-8
3
2.25
8.40
-2.25
100
90
IM41NS
1-1462038-9
4.5
3.38
12.90
-3.38
100
203
IM42NS
2-1462038-0
5
3.75
14.30
-3.75
100
250
IM43NS
2-1462038-1
6
4.50
17.10
-4.50
100
360
IM44NS
2-1462038-2
9
6.75
25.70
-6.75
100
810
IM45NS
2-1462038-3
12
9.00
34.30
-9.00
100
1440
IM46NS
2-1462038-4
24
18.00
48.50
-18.00
200
2880
IM47NS
2-1462038-5
SMT J-Legs latching 1 coil
1.5
1.13
4.30
-1.13
100
23
IM40JR
5-1462037-2
3
2.25
8.40
-2.25
100
90
IM41JR
5-1462037-5
4.5
3.38
12.90
-3.38
100
203
IM42JR
5-1462037-7
5
3.75
14.30
-3.75
100
250
IM43JR
6-1462037-0
6
4.50
17.10
-4.50
100
360
IM44JR
6-1462037-3
9
6.75
25.70
-6.75
100
810
IM45JR
6-1462037-5
12
9.00
34.30
-9.00
100
1440
IM46JR
6-1462037-8
24
18.00
48.50
-18.00
200
2880
IM47JR
7-1462037-1
SMT Gull Wings latching 1 coil
1.5
1.13
4.30
-1.13
100
23
IM40GR
5-1462037-1
3
2.25
8.40
-2.25
100
90
IM41GR
5-1462037-4
4.5
3.38
12.90
-3.38
100
203
IM42GR
3-1462037-1
5
3.75
14.30
-3.75
100
250
IM43GR
5-1462037-9
6
4.50
17.10
-4.50
100
360
IM44GR
6-1462037-2
9
6.75
25.70
-6.75
100
810
IM45GR
6-1462037-4
12
9.00
34.30
-9.00
100
1440
IM46GR
6-1462037-7
24
18.00
48.50
-18.00
200
2880
IM47GR
7-1462037-0
Further coil versions are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com