Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM40TS Datasheet(PDF) 14 Page - Tyco Electronics

Part # IM40TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM40TS Datasheet(HTML) 14 Page - Tyco Electronics

Back Button IM40TS Datasheet HTML 10Page - Tyco Electronics IM40TS Datasheet HTML 11Page - Tyco Electronics IM40TS Datasheet HTML 12Page - Tyco Electronics IM40TS Datasheet HTML 13Page - Tyco Electronics IM40TS Datasheet HTML 14Page - Tyco Electronics IM40TS Datasheet HTML 15Page - Tyco Electronics IM40TS Datasheet HTML 16Page - Tyco Electronics IM40TS Datasheet HTML 17Page - Tyco Electronics IM40TS Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
14 of 28
AXICOM Signal Relays
IM-C Relay 1 Pole Changeover / 1 Form C / SPDT
IM THT
Standard
IM SMT
Gull Wings
mm
inch
mm
inch
L
W
H
10.00 ± 0.08
6.00 ± 0.08
5.65 – 0.20
0.393 ± 0.003
0.236 ± 0.003
0.222 – 0.008
10.00 ± 0.08
6.00 ± 0.08
5.65 – 0.20
0.393 ± 0.003
0.236 ± 0.003
0.222 – 0.008
THT Version
Standard Version
SMT Version
Gull Wings
Mounting Hole Layout
View onto the component side of the PCB (top view)
Solder Pad Layout
View onto the component side of the PCB (top view)
Dimensions IM-C
Dimensions in mm
Terminal Assignment
Relay – top view
Non-Latching Type
not energized condition
Latching Type, 1 Coil
reset condition
Coplanarity ≤ 0.1mm
T
T1
T2
D1
D2
Tw
S
3.2
N/A
5.08 ± 0.10
3.20 ± 0.15
2.20 ± 0.15
0.40
0.75
0.125
N/A
0.200 ± 0.004
0.126 ± 0.006
0.087 ± 0.006
0.015
0.029
N/A
7.50 ± 0.30
5.08 ± 0.10
3.20 ± 0.15
2.20 ± 0.15
0.4
N/A
N/A
0.295 ± 0.011
0.200 ± 0.004
0.126 ± 0.006
0.087 ± 0.006
0.015
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com