Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM40TS Datasheet(PDF) 8 Page - Tyco Electronics

Part # IM40TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM40TS Datasheet(HTML) 8 Page - Tyco Electronics

Back Button IM40TS Datasheet HTML 4Page - Tyco Electronics IM40TS Datasheet HTML 5Page - Tyco Electronics IM40TS Datasheet HTML 6Page - Tyco Electronics IM40TS Datasheet HTML 7Page - Tyco Electronics IM40TS Datasheet HTML 8Page - Tyco Electronics IM40TS Datasheet HTML 9Page - Tyco Electronics IM40TS Datasheet HTML 10Page - Tyco Electronics IM40TS Datasheet HTML 11Page - Tyco Electronics IM40TS Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8 of 28
AXICOM Signal Relays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
Unom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco
Electronics
part
number
Minimum
voltage Umin
Maximum
voltage Umax
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
High Sensitive Version
SMT Gull Wings non-latching 1 coil
3
2.40
8.70
0.30
100
91
IM11GR
9-1462038-5
4.5
3.60
13.10
0.45
100
194
IM12GR
1462039-3
5
4.00
14.60
0.50
100
238
IM13GR
1462039-4
12
9.60
35.00
1.20
110
1315
IM16GR
1462039-5
24
19.20
57.80
2.40
140
4120
IM17GR
1462039-6
High Dielectric Version
SMT Gull Wings non-latching 1 coil
3
2.25
7.20
0.30
140
64
IM01CGR
1462038-4
4.5
3.38
10.80
0.45
140
145
IM02CGR
1462038-1
5
3.75
12.10
0.50
140
178
IM03CGR
1462038-2
9
6.75
21.70
0.90
140
579
IM05CGR
1462038-3
12
9.00
28.90
1.20
140
1029
IM06CGR
9-1462037-9
24
18.00
48.50
2.40
200
2880
IM07CGR
1462039-2
SMT Gull Wings latching 1 coil
3
2.25
8.40
-2.25
100
90
IM41CGR
4-1462039-2
4.5
3.38
12.90
-3.38
100
203
IM42CGR
4-1462039-1
5
3.75
14.30
-3.75
100
250
IM43CGR
9-1462038-7
High Current/Low Contact Resistance Version
SMT Gull Wings non-latching 1 coil
4.5
3.38
10.80
0.45
140
145
IM02DGR
9-1462038-8
5
3.75
12.10
0.50
140
178
IM03DGR
9-1462038-9
9
6.75
21.70
0.90
140
579
IM05DGR
1-1462039-7
12
9.00
28.90
1.20
140
1029
IM06DGR
1-1462039-8
THT non-latching 1 coil
12
9.0
28.90
1.20
140
1029
IM06DTS
3-1462039-8
SMT Gull Wings latching 1 coil
2.4
1.80
6.80
-1.80
100
58
IM48DGR
1462039-9
3.0
2.25
8.40
-2.25
100
90
IM41DGR
6-1462039-8
4.5
3.38
12.90
-3.38
100
203
IM42DGR
1-1462039-9
Further coil versions are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com