Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1021AARQZ-R Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADM1021AARQZ-R
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1021AARQZ-R Datasheet(HTML) 5 Page - ON Semiconductor

  ADM1021AARQZ-R Datasheet HTML 1Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 2Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 3Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 4Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 5Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 6Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 7Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 8Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ADM1021A
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Temperature Error vs. PC Board Track
Resistance
Figure 4. Temperature Error vs. Power Supply
Noise Frequency
Figure 5. Temperature Error vs. Common−Mode
Noise Frequency
Figure 6. Temperature Error vs. Pentium III
Temperature
Figure 7. Temperature Error vs. Capacitance
Between D+ and D−
Figure 8. Standby Supply Current vs. Clock
Frequency
LEAKAGE RESISTANCE (M )
20
15
–25
100
10
1
0
–20
10
5
–5
–30
D+ TO GND
D+ TO VDD
–15
–10
W
3
1
0
2
FREQUENCY (Hz)
100
4
5
100M
1k
10k
100k
1M
10M
250mV p−p REMOTE
100mV p−p REMOTE
5
4
3
1
0
2
FREQUENCY (Hz)
1
10
1k
10k
10M
100M
6
7
8
9
100
100k
1M
50mV p−p
100mV p−p
25mV p−p
TEMPERATURE (5C)
50
60
0
70
80
100
120
–3
–1
1
2
3
–2
90
110
DEV10
LOWER SPEC LEVEL
UPPER SPEC LEVEL
CAPACITANCE (nF)
2
–2
4
6
8
1012
1416
1820
2224
12
14
0
2
4
6
8
10
SCLK FREQUENCY (kHz)
1
20
0
VDD = 3.3V
51
02
55
07
5
100
1000
250
500
750
40
60
70
50
30
10
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com