Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1021AARQZ-R Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADM1021AARQZ-R
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1021AARQZ-R Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADM1021AARQZ-R Datasheet HTML 2Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 3Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 4Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 5Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 6Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 7Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 8Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 9Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADM1021A
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. Temperature Error vs. Differential−Mode
Noise Frequency
Figure 10. Operating Supply Current vs.
Conversion Rate
Figure 11. Standby Supply Current vs. Supply
Voltage
Figure 12. Response to Thermal Shock
4
0
2
FREQUENCY (Hz)
10mV p−p
100k
1M
10M
100M
1G
1
3
CONVERSION RATE (Hz)
250
0.125
0.25
0.5
8
300
350
400
550
4
0.0625
450
500
200
150
100
50
5V
2
1
3.3V
0
20
SUPPLY VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
40
60
80
100
–20
TIME (Seconds)
0
25
50
75
100
125
REMOTE
TEMPERATURE
INT
TEMPERATURE
12345
6789
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com