Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1021AARQZ-R Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADM1021AARQZ-R
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1021AARQZ-R Datasheet(HTML) 1 Page - ON Semiconductor

  ADM1021AARQZ-R Datasheet HTML 1Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 2Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 3Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 4Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 5Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 6Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 7Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 8Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 − Rev. 8
1
Publication Order Number:
ADM1021A/D
ADM1021A
Low Cost Microprocessor
System Temperature
Monitor Microcomputer
The ADM1021A is a two−channel digital thermometer and
under/overtemperature alarm, intended for use in personal computers
and other systems requiring thermal monitoring and management. The
device can measure the temperature of a microprocessor using a
diode−connected PNP transistor, which can be provided on−chip with
the Pentium
® III or similar processors, or can be a low cost discrete
NPN/PNP device, such as the 2N3904/2N3906. A novel measurement
technique cancels out the absolute value of the transistor’s base emitter
voltage so that no calibration is required. The second measurement
channel measures the output of an on−chip temperature sensor to
monitor the temperature of the device and its environment.
The ADM1021A communicates over a two−wire serial interface
compatible with SMBus standards. Under/overtemperature limits can
be programmed into the device over the serial bus, and an ALERT
output signals when the on−chip or remote temperature is out of range.
This output can be used as an interrupt or as an SMBus alert.
FEATURES
• Alternative to the ADM1021
• On−Chip and Remote Temperature Sensing
• No Calibration Necessary
• 1°C Accuracy for On−Chip Sensor
• 3°C Accuracy for Remote Sensor
• Programmable Over/Undertemperature Limits
• Programmable Conversion rate
• 2−Wire SMBus Serial Interface
• Supports System Management Bus (SMBus) Alert
• 200 mA Max Operating Current
• 1 mA Standby Current
• 3.0 V to 5.5 V Supply
• Small 16−Lead QSOP Package
APPLICATIONS
• Desktop Computers
• Notebook Computers
• Smart Batteries
• Industrial Controllers
• Telecom Equipment
• Instrumentation
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
xxx
= Device Code
#
= Pb−Free Package
YYWW = Date Code
MARKING DIAGRAM
1
QSOP−16
CASE 492
1021AA
RQZ
#YYWW
1
2
3
4
5
6
7
8
ADM1021A
TOP VIEW
14
13
12
11
10
9
VDD
D+
D–
GND
ADD1
NC
NC
ADD0
GND
NC
ALERT
SDATA
NC
16
15
NC
STBY
SCLK
PIN ASSIGNMENT


Similar Part No. - ADM1021AARQZ-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1021AARQZ-R ONSEMI-ADM1021AARQZ-R Datasheet
240Kb / 16P
Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
logo
Analog Devices
ADM1021AARQZ-REEL AD-ADM1021AARQZ-REEL Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
ADM1021AARQZ-REEL7 AD-ADM1021AARQZ-REEL7 Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
More results

Similar Description - ADM1021AARQZ-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
8-Lead, Low-Cost, System Temperature Monitor
REV.0
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
Evaluation Board for Microprocessor System Temperature Monitor
REV.B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com