Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461ARMZ-R7 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADT7461ARMZ-R7
Description  짹1??Temperature Monitor with Series Resistance Cancellation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461ARMZ-R7 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADT7461ARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADT7461
http://onsemi.com
7
Functional Description
The ADT7461 is a local and remote temperature sensor
and over/under temperature alarm, with the added ability to
automatically cancel the effect of 3 k
W (typical) of
resistance in series with the temperature monitoring diode.
When the ADT7461 is operating normally, the on-board
ADC operates in a free-running mode. The analog input
multiplexer alternately selects either the on-chip
temperature sensor to measure its local temperature or the
remote temperature sensor. The ADC digitizes these signals
and the results are stored in the local and remote temperature
value registers.
The local and remote measurement results are compared
with the corresponding high, low, and THERM temperature
limits, stored in eight on-chip registers. Out-of-limit
comparisons generate flags that are stored in the status register.
A result that exceeds the high temperature limit, the low
temperature limit, or an external diode fault causes the ALERT
output to assert low. Exceeding THERM temperature limits
causes the THERM output to assert low. The ALERT output
can be reprogrammed as a second THERM output.
The limit registers can be programmed and the device
controlled and configured via the serial SMBus. The
contents of any register can also be read back via the SMBus.
Control and configuration functions consist of switching
the device between normal operation and standby mode,
selecting the temperature measurement scale, masking or
enabling the ALERT output, switching Pin 6 between
ALERT and THERM2, and selecting the conversion rate.
Series Resistance Cancellation
Parasitic resistance to the D+ and D− inputs to the
ADT7461, seen in series with the remote diode, is caused by
a variety of factors, including PCB track resistance and track
length. This series resistance appears as a temperature offset
in the remote sensor’s temperature measurement. This error
typically causes a 0.5
°C offset per ohm of parasitic resistance
in series with the remote diode.
The ADT7461 automatically cancels out the effect of this
series resistance on the temperature reading, giving a more
accurate result, without the need for user characterization of
this resistance. The ADT7461 is designed to automatically
cancel typically up to 3 k
W of resistance. By using an
advanced temperature measurement method, this is
transparent to the user. This feature allows resistances to be
added to the sensor path to produce a filter, allowing the part
to be used in noisy environments. See the Noise Filtering
section for more details.
Temperature Measurement Method
A simple method of measuring temperature is to exploit
the negative temperature coefficient of a diode by measuring
the base-emitter voltage (VBE) of a transistor operated at
constant current. However, this technique requires
calibration to null out the effect of the absolute value of VBE,
which varies from device to device.
The technique used in the ADT7461 is to measure the
change in VBE when the device is operated at three different
currents. Previous devices have used only two operating
currents, but it is the use of a third current that allows
automatic cancellation of resistances in series with the
external temperature sensor.
Figure 15 shows the input signal conditioning used to
measure the output of an external temperature sensor. This
figure shows the external sensor as a substrate transistor, but
it could equally be a discrete transistor. If a discrete
transistor is used, the collector will not be grounded and
should be linked to the base. To prevent ground noise
interfering with the measurement, the more negative
terminal of the sensor is not referenced to ground, but is
biased above ground by an internal diode at the D− input. C1
may be added as a noise filter (a recommended maximum
value of 1,000 pF). However, a better option in noisy
environments is to add a filter, as described in the Noise
Filtering section. See the Layout Considerations section for
more information on C1.
To measure
DVBE, the operating current through the
sensor is switched among three related currents. Figure 15
shows N1 x I and N2 x I as different multiples of the current,
I. The currents through the temperature diode are switched
between I and N1 x I, giving
DVBE1, and then between I and
N2 x I, giving
DVBE2. The temperature may then be
calculated using the two
DVBE measurements. This method
can also be shown to cancel the effect of any series resistance
on the temperature measurement.
The resulting
DVBE waveforms are passed through a
65 kHz low-pass filter to remove noise and then to a
chopper-stabilized amplifier. This amplifies and rectifies the
waveform to produce a dc voltage proportional to
DVBE. The
ADC digitizes this voltage and a temperature measurement is
produced. To reduce the effects of noise, digital filtering is
performed by averaging the results of 16 measurement cycles
for low conversion rates. At rates of 16, 32, and 64
conversions per second, no digital averaging takes place.
Signal conditioning and measurement of the internal
temperature sensor is performed in the same manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com