Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461ARMZ-R7 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADT7461ARMZ-R7
Description  짹1??Temperature Monitor with Series Resistance Cancellation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461ARMZ-R7 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADT7461ARMZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADT7461
http://onsemi.com
16
Figure 21. Operation of the THERM and THERM2
Interrupts
THERM2
1
3
2
4
THERM LIMIT
THERM2 LIMIT
TEMPERATURE
THERM
90°C
80°C
70°C
60°C
50°C
40°C
30°C
1. When the THERM2 limit is exceeded, the
THERM2 signal asserts low.
2. If the temperature continues to increase and
exceeds the THERM limit, the THERM output
asserts low.
3. The THERM output deasserts (goes high) when the
temperature falls to THERM limit minus hysteresis.
No hysteresis value is shown in Figure 21.
4. As the system continues to cool and the
temperature falls below the THERM2 limit, the
THERM2 signal resets. Again, no hysteresis value
is shown for THERM2.
Both the external and internal temperature
measurements cause THERM and THERM2 to
operate as described.
Application Information
Noise Filtering
For temperature sensors operating in noisy environments,
the industry standard practice was to place a capacitor across
the D+ and D− pins to help combat the effects of noise.
However, large capacitances affect the accuracy of the
temperature measurement, leading to a recommended
maximum capacitor value of 1,000 pF. While this capacitor
reduces the noise, it does not eliminate it, making it difficult
to use the sensor in a very noisy environment.
The ADT7461 has a major advantage over other devices
for eliminating the effects of noise on the external sensor.
The series resistance cancellation feature allows a filter to be
constructed between the external temperature sensor and the
part. The effect of any filter resistance seen in series with the
remote sensor is automatically cancelled from the
temperature result.
The construction of a filter allows the ADT7461 and the
remote temperature sensor to operate in noisy environments.
Figure 22 shows a low-pass R-C-R filter with the following
values:
R = 100
W and C = 1 nF
This filtering reduces both common-mode noise and
differential noise.
Figure 22. Filter Between Remote Sensor and
ADT7461 Factors Affecting Diode Accuracy
D+
1nF
100Ω
REMOTE
TEMPERATURE
SENSOR
D–
100Ω
Remote Sensing Diode
The ADT7461 is designed to work with substrate
transistors built into processors or with discrete transistors.
Substrate transistors are generally PNP types with the
collector connected to the substrate. Discrete types can be
either PNP or NPN transistor connected as a diode
(base-shorted to collector). If an NPN transistor is used, the
collector and base are connected to D+ and the emitter to D−.
If a PNP transistor is used, the collector and base are
connected to D− and the emitter to D+.
To reduce the error due to variations in both substrate and
discrete transistors, several factors should be taken into
consideration:
• The ideality factor, nF, of the transistor is a measure of
the deviation of the thermal diode from ideal behavior.
The ADT7461 is trimmed for an nF value of 1.008. The
following equation may be used to calculate the error
introduced at a temperature T (
°C), when using a
transistor whose nF does not equal 1.008. Consult the
processor data sheet for the nF values.
DT = (nF − 1.008)/1.008 x (273.15 Kelvin + T)
To factor this in, the user can write the
DT value to the offset
register. It is then automatically added to or subtracted from
the temperature measurement by the ADT7461.
• Some CPU manufacturers specify the high and low
current levels of the substrate transistors. The high
current level of the ADT7461, IHIGH, is 96 mA, and the
low level current, ILOW, is 6 mA. If the ADT7461
current levels do not match the current levels specified
by the CPU manufacturer, it may become necessary to
remove an offset. The CPUs data sheet advises whether
this offset needs to be removed and how to calculate it.
This offset may be programmed to the offset register. It
is important to note that if more than one offset must be
considered, the algebraic sum of these offsets must be
programmed to the offset register.
If a discrete transistor is being used with the ADT7461,
the best accuracy is obtained by choosing devices according
to the following criteria:
• Base-emitter voltage greater than 0.25 V at 6 mA, at the
highest operating temperature.
• Base-emitter voltage less than 0.95 V at 100 mA, at the
lowest operating temperature.
• Base resistance less than 100 W.
• Small variation in hFE (50 to 150) that indicates tight
control of VBE characteristics.
Transistors, such as the 2N3904, 2N3906, or equivalents
in SOT-23 packages are suitable devices to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com