Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461ARMZ-R7 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7461ARMZ-R7
Description  짹1??Temperature Monitor with Series Resistance Cancellation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461ARMZ-R7 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7461ARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADT7461
http://onsemi.com
8
Figure 15. Input Signal Conditioning Error vs. Series Resistance
I
N1
×IN2×I
IBIAS
VDD
VOUT+
TO ADC
VOUT–
REMOTE
SENSING
TRANSISTOR
*CAPACITOR C1 IS OPTIONAL. IT SHOULD ONLY BE USED IN NOISY ENVIRONMENTS.
D+
D–
C1*
BIAS
DIODE
LOW−PASS FILTER
fC = 65kHz
Temperature Measurement Results
The results of the local and remote temperature
measurements are stored in the local and remote temperature
value registers and are compared with limits programmed
into the local and remote high and low limit registers.
The local temperature value is in Register 0x00 and has a
resolution of 1
°C. The external temperature value is stored in
two registers, with the upper byte in Register 0x01 and the
lower byte in Register 0x10. Only the two MSBs in the external
temperature low byte are used. This gives the external
temperature measurement a resolution of 0.25
°C. Table 1
shows the data format for the external temperature low byte.
Table 1. Extended Temperature Resolution
(Remote Temperature Low Byte
Extended Resolution
Remote Temperature Low Byte
0.00°C
0 000 0000
0.25°C
0 100 0000
0.50°C
1 000 0000
0.75°C
1 100 0000
When reading the full external temperature value, both the
high and low byte, the two registers should be read in
succession. Reading one register does not lock the other, so
both should be read before the next conversion finishes. In
practice, there is more than enough time to read both
registers, as transactions over the SMBus are significantly
faster than a conversion time.
Temperature Measurement Range
The temperature measurement range for both internal and
external measurements is, by default, 0
°C to +127°C.
However, the ADT7461 can be operated using an extended
temperature range. It can measure the full temperature range
of an external diode, from −55
°C to +150°C. The user can
switch between these two temperature ranges by setting or
clearing Bit 2 in the configuration register. A valid result is
available in the next measurement cycle after changing the
temperature range.
In extended temperature mode, the upper and lower
temperature that can be measured by the ADT7461 is
limited by the remote diode selection. The temperature
registers themselves can have values from −64
°C to +191°C.
However, most temperature sensing diodes have a
maximum temperature range of −55
°C to +150°C.
Above 150
°C, they may lose their semiconductor
characteristics and approximate conductors instead. This
results in a diode short. In this case, a read of the temperature
result register gives the last good temperature measurement.
The user should be aware that the temperature measurement
on the external channel may not be accurate for temperatures
that are outside the operating range of the remote sensor.
While both local and remote temperature measurements
can be made while the part is in extended temperature mode,
the ADT7461 itself should not be exposed to temperatures
greater than those specified in the Absolute Maximum
Ratings section. Also, the device is guaranteed to operate only
as specified at ambient temperatures from −40
°C to +120°C.
Temperature Data Format
The ADT7461 has two temperature data formats. When the
temperature measurement range is from 0
°C to +127°C
(default), the temperature data format for both internal and
external temperature results is binary. When the measurement
range is in extended mode, an offset binary data format is used
for both internal and external results. Temperature values in
the offset binary data format are offset by 64
°C. Examples of
temperatures in both data formats are shown in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com