Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7485AARMZ-R Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADT7485AARMZ-R
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485AARMZ-R Datasheet(HTML) 2 Page - ON Semiconductor

  ADT7485AARMZ-R Datasheet HTML 1Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 2Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 3Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 4Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 5Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 6Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 7Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 8Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADT7485A
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Supply Voltage (VCC)
4.0
V
Voltage on 12 V Pin
16
V
Voltage on 5.0 V Pin
7.0
V
Voltage on 2.5 V and VCCP Pins
3.6
V
Voltage on Any Other Pin (Including SST Pin)
−0.3 to +3.6
V
Input Current at Any Pin
±5.0
mA
Package Input Current
±20
mA
Maximum Junction Temperature (TJ Max)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering
IR Peak Re−flow Temperature
Lead Temperature (10 sec)
260
300
°C
ESD Rating
1500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
10−Lead MSOP
206
44
°C/W
NOTE: qJA is specified for the worst−case conditions, that is, a device soldered in a circuit board for surface−mount packages.
PIN ASSIGNMENT
Pin No.
Mnemonic
Type
Description
1
VCC
Power supply
3.3 V ±10%. VCC is also monitored through this pin.
2
GND
Ground
Ground Pin.
3
D1+
Analog input
Positive Connection to Remote 1 Temperature Sensor.
4
D1−
Analog input
Negative Connection to Remote 1 Temperature Sensor.
5
12 V
Analog input
12 V Supply Monitor.
6
5.0 V
Analog input
5.0 V Supply Monitor.
7
VCCP
Analog input
Processor Core Voltage Monitor.
8
2.5 V
Analog input
2.5 V Supply Monitor.
9
ADD
Digital input
SST Address Select.
10
SST
Digital input/output
SST Bidirectional Data Line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com