Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7485AARMZ-R Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADT7485AARMZ-R
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485AARMZ-R Datasheet(HTML) 1 Page - ON Semiconductor

  ADT7485AARMZ-R Datasheet HTML 1Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 2Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 3Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 4Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 5Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 6Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 7Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 8Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2010
April, 2010 − Rev. 3
1
Publication Order Number:
ADT7485A/D
ADT7485A
Temperature Sensor and
Voltage Monitor with
Simple Serial Transport
The ADT7485A is a digital temperature sensor and voltage monitor
for use in PC applications with Simple Serial Transport (SST)
interface. It can monitor its own temperature as well as the
temperature of a remote sensor diode. It can also monitor four external
voltage channels and its own supply voltage. The ADT7485A is
controlled by a single SST bidirectional data line. This device is a
fixed−address SST client where the target address is chosen by the
state of the address pin, ADD.
Features
• 1 On−Chip Temperature Sensor
• 1 Remote Temperature Sensor
• Monitors Up to 5.0 Voltages
• SST Interface
• This is a Pb−Free Device
Applications
• Personal Computers
• Portable Personal Devices
• Industrial Sensor Nets
Figure 1. Functional Block Diagram
SST INTERFACE
INPUT
ATTENUATORS
AND
ANALOG
MULTIPLEXER
ADDRESS
SELECTION
TEMPERATURE
VALUE REGISTERS
VOLTAGE
VALUE REGISTERS
A/D
CONVERTER
ON−CHIP
TEMPERATURE
SENSOR
VCC
VCCP
GND
ADT7485A
SST
ADD
2.5 V
D1+
5.0 V
12 V
OFFSET REGISTERS
D1−
MARKING
DIAGRAM
http://onsemi.com
PIN ASSIGNMENT
MSOP−10
CASE 846AC
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
(Top View)
1
VCC 1
GND 2
D1+ 3
D1– 4
12 V 5
SST
10
ADD
9
2.5 V
8
VCCP
7
5.0 V
6
ADT7485A
T21
RYWG
G
1
10
T21 = Device Code
R
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - ADT7485AARMZ-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7485AARMZ-REEL AD-ADT7485AARMZ-REEL Datasheet
404Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
7/06-Revision 0
ADT7485AARMZ-REEL7 AD-ADT7485AARMZ-REEL7 Datasheet
404Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
7/06-Revision 0
More results

Similar Description - ADT7485AARMZ-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
7/06-Revision 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
9/06-Revision 0
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
2006
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
logo
Microchip Technology
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
logo
Linear Technology
LTC2995 LINER-LTC2995_15 Datasheet
233Kb / 20P
Temperature Sensor and Dual Voltage Monitor with Alert Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com