Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7485AARMZ-R Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7485AARMZ-R
Description  Temperature Sensor and Voltage Monitor with Simple Serial Transport
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7485AARMZ-R Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7485AARMZ-R Datasheet HTML 1Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 2Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 3Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 4Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 5Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 6Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 7Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 8Page - ON Semiconductor ADT7485AARMZ-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADT7485A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.
Parameter
Unit
Max
Typ
Min
Test Conditions/Comments
Digital I/O (SST Pin)
High Impedance State Leakage, ILEAK
Device powered on SST bus;
VSST = 1.1 V, VCC = 3.3 V
±1.0
mA
High Impedance State Leakage, ILEAK
Device non−powered on SST bus;
VSST = 1.1 V, VCC = 0 V
±10
mA
Signal Noise Immunity, VNOISE
Noise glitches from 10 MHz to 100 MHz;
width up to 50 ns
300
mV
p−p
SST Timing
Bitwise Period, tBIT
0.495
500
ms
High Level Time for Logic 1, tH1
(Note 2)
tBIT defined in speed negotiation
0.6 x
tBIT
0.75 x
tBIT
0.8 x
tBIT
ms
High Level Time for Logic 0, tH0
(Note 2)
0.2 x
tBIT
0.25 x
tBIT
0.4 x
tBIT
ms
Time to Assert SST High for Logic 1,
tSU, HIGH
0.2 x
tBIT
ms
Hold Time, tHOLD (Note 3)
See SST Specification Rev 1.0
0.5 x
tBIT−M
ms
Stop Time, tSTOP
Device responding to a constant low level
driven by originator
1.25 x
tBIT
2 x tBIT
2 x tBIT
ms
Time to Respond After a Reset, tRESET
0.4
ms
Response Time to Speed Negotiation
After Powerup
Time after powerup when device can participate
in speed negotiation
500
ms
1. Guaranteed by design, not production tested.
2. Minimum and maximum bit times are relative to tBIT defined in the timing negotiation pulse.
3. Device is compatible with hold time specification as driven by SST originator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com