Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1075TW/5V0/WD Datasheet(PDF) 41 Page - NXP Semiconductors

Part # UJA1075TW/5V0/WD
Description  High-speed CAN/LIN core system basis chip
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1075TW/5V0/WD Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button UJA1075TW/5V0/WD Datasheet HTML 37Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 38Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 39Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 40Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 41Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 42Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 43Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 44Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
UJA1075_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
41 of 53
NXP Semiconductors
UJA1075
High-speed CAN/LIN core system basis chip
td(TXDCL-RXDCL)
delay time from TXDC LOW
to RXDC LOW
50 % VTXDC to 50 % VRXDC
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF; CRXDC = 15 pF
fTXDC = 250 kHz
60
-
235
ns
td(TXDC-busdom)
delay time from TXDC to
bus dominant
VV2 = 4.5 V to 5. 5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
-70
-
ns
td(TXDC-busrec)
delay time from TXDC to
bus recessive
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
-90
-
ns
td(busdom-RXDC)
delay time from bus
dominant to RXDC
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
CRXDC = 15 pF
-75
-
ns
td(busrec-RXDC)
delay time from bus
recessive to RXDC
VV2 = 4.5 V to 5.5 V
R(CANH-CANL) = 60 Ω
C(CANH-CANL) = 100 pF
CRXDC = 15 pF
-95
-
ns
twake(busdom)min
minimum bus dominant
wake-up time
first pulse (after first recessive) for
wake-up on pins CANH and CANL
Sleep mode
0.5
-
3
μs
second pulse for wake-up on pins
CANH and CANL
0.5
-
3
μs
twake(busrec)min
minimum bus recessive
wake-up time
first pulse for wake-up on pins CANH
and CANL; Sleep mode
0.5
-
3
μs
second pulse (after first dominant) for
wake-up on pins CANH and CANL
0.5
-
3
μs
tto(wake)
wake-up time-out time
between wake-up and confirm
messages; Sleep mode
0.4
-
1.2
ms
tto(dom)TXDC
TXDC dominant time-out
time
CAN online; VV2 = 4.5V to 5.5V
VTXDC = 0 V
1.8
-
4.5
ms
LIN transceiver; pins LIN, TXDL, RXDL
δ1
duty cycle 1
Vth(rec)RX(max) = 0.744VBAT
Vth(dom)RX(max) = 0.581VBAT; tbit = 50 μs
VBAT = 7 V to 18 V; LSC = 0
[1]
[2]
0.396
-
-
Vth(rec)RX(max) = 0.76VBAT
Vth(dom)RX(max) = 0.593VBAT; tbit = 50 μs
VBAT = 5.5 V to 7 V; LSC = 0
[1]
[2]
0.396
-
-
δ2
duty cycle 2
Vth(rec)RX(min) = 0.422VBAT
Vth(dom)RX(min) = 0.284VBAT; tbit = 50 μs
VBAT = 7.6 V to 18 V; LSC = 0
[2]
[3]
-
-
0.581
Vth(rec)RX(min) = 0.41VBAT
Vth(dom)RX(min) = 0.275VBAT; tbit = 50 μs
VBAT = 6.1 V to 7.6 V; LSC = 0
[2]
[3]
-
-
0.581
Table 11.
Dynamic characteristics …continued
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; RLIN =500 Ω; R(CANH- CANL) = 45 Ω to 65 Ω; all voltages
are defined with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com