Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1075TW/5V0/WD Datasheet(PDF) 46 Page - NXP Semiconductors

Part # UJA1075TW/5V0/WD
Description  High-speed CAN/LIN core system basis chip
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1075TW/5V0/WD Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button UJA1075TW/5V0/WD Datasheet HTML 42Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 43Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 44Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 45Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 46Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 47Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 48Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 49Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
UJA1075_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
46 of 53
NXP Semiconductors
UJA1075
High-speed CAN/LIN core system basis chip
12. Package outline
Fig 20. Package outline SOT549-1 (HTSSOP32)
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT549-1
03-04-07
05-11-02
w M
θ
A
A1
A2
Eh
Dh
D
L p
detail X
E
Z
exposed die pad side
e
c
L
X
(A3)
0.25
1
16
32
17
y
b
HE
0.95
0.85
0.30
0.19
Dh
5.1
4.9
Eh
3.6
3.4
0.20
0.09
11.1
10.9
6.2
6.0
8.3
7.9
0.65
1
0.2
0.78
0.48
0.1
0.75
0.50
p
v M A
A
HTSSOP32: plastic thermal enhanced thin shrink small outline package; 32 leads;
body width 6.1 mm; lead pitch 0.65 mm; exposed die pad
SOT549-1
A
max.
1.1
0
2.5
5 mm
scale
pin 1 index
MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com