Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1075TW/5V0/WD Datasheet(PDF) 42 Page - NXP Semiconductors

Part # UJA1075TW/5V0/WD
Description  High-speed CAN/LIN core system basis chip
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1075TW/5V0/WD Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button UJA1075TW/5V0/WD Datasheet HTML 38Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 39Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 40Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 41Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 42Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 43Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 44Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 45Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
UJA1075_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
42 of 53
NXP Semiconductors
UJA1075
High-speed CAN/LIN core system basis chip
[1]
. Variable tbus(rec)(min) is illustrated in the LIN timing diagram in Figure 18.
[2]
Bus load conditions are: CL = 1 nF and RL =1kΩ; CL = 6.8 nF and RL = 660 Ω; CL = 10 nF and RL = 500 Ω.
[3]
. Variable tbus(rec)(max) is illustrated in the LIN timing diagram in Figure 18.
[4]
tPD(RX)sym =tPD(RX)r − tPD(RX)f.
[5]
A system reset will be performed if the watchdog is in Window mode and is triggered less than ttrig(wd)1 after the start of the watchdog
period (or in the first half of the watchdog period).
[6]
The nominal watchdog period is programmed via the NWP control bits in the WD_and_Status register (see Table 4); valid in watchdog
Window mode only.
δ3
duty cycle 3
Vth(rec)RX(max) = 0.778VBAT
Vth(dom)RX(max) = 0.616VBAT
tbit = 96 μs; VBAT = 7 V to 18 V; LSC = 1
[1]
[2]
0.417
-
-
Vth(rec)RX(max) = 0.797VBAT
Vth(dom)RX(max) = 0.630VBAT
tbit = 96 μs; VBAT = 5.5V to 7V; LSC=1
[1]
[2]
0.417
-
-
δ4
duty cycle 4
Vth(rec)RX(min) = 0.389VBAT
Vth(dom)RX(min) = 0.251VBAT; tbit = 96 μs
VBAT = 7.6 V to 18 V; LSC = 1
[2]
[3]
-
-
0.590
Vth(rec)RX(min) = 0.378VBAT
Vth(dom)RX(min) = 0.242VBAT; tbit = 96 μs
VBAT = 6.1 V to 7.6V; LSC = 1
[2]
[3]
-
-
0.590
tPD(RX)r
rising receiver propagation
delay
VBAT = 5.5 V to 18 V; RRXDL = 2.4 kΩ
CRXDL = 20 pF
--
6
μs
tPD(RX)f
falling receiver propagation
delay
VBAT = 5.5 V to 18 V; RRXDL = 2.4 kΩ
CRXDL = 20 pF
--
6
μs
tPD(RX)sym
receiver propagation delay
symmetry
VBAT = 5.5 V to 18 V; RRXDL = 2.4 kΩ
CRXDL = 20 pF
[4]
−2-
+2
μs
twake(busdom)min
minimum bus dominant
wake-up time
28
-
104
μs
tto(dom)TXDL
TXDL dominant time-out
time
LIN online mode; VTXDL = 0 V
20
-
80
ms
Wake bias output; pin WBIAS
tWBIASL
WBIAS LOW time
227
-
278
μs
tcy
cycle time
WBC = 1
58.1
-
71.2
ms
WBC = 0
14.5
-
17.8
ms
Watchdog
ttrig(wd)1
watchdog trigger time 1
Normal mode
watchdog Window mode only
[5]
0.45
×
NWP[6]
-
0.555
×
NWP[6]
ms
ttrig(wd)2
watchdog trigger time 2
Normal, Standby and Sleep modes
watchdog Window mode only
[7]
0.9
×
NWP[6]
-1.11
×
NWP[6]
ms
Oscillator
fosc
oscillator frequency
460.8
512
563.2
kHz
Table 11.
Dynamic characteristics …continued
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; RLIN =500 Ω; R(CANH- CANL) = 45 Ω to 65 Ω; all voltages
are defined with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
δ1 δ3
,
t
bus rec
() min
()
2t
bit
×
-------------------------------
=
δ2 δ4
,
t
bus rec
() max
()
2t
bit
×
--------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com