Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05C5 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 68HC05C5
Description  SPECIFICATION (General Release)
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05C5 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 68HC05C5 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Page 15
Section 4: CPU Core
MC68HC05C5 Specification Rev. 1.2
SECTION 4
CPU CORE
4.1
REGISTERS
The MCU contains five registers as shown in the programming model of Figure 4-1. The
interrupt stacking order is shown in Figure 4-2.
4.1.1
ACCUMULATOR (A)
The accumulator is a general purpose 8-bit register used to hold operands and results of
arithmetic calculations or data manipulations.
A
70
X
70
HI
N
Z
C
CCR
11
SP
70
PC
12
0
Accumulator
Index Register
Program Counter
Stack Pointer
Condition Code Register
Figure 4-1: Programming Model
0
0
0
0
0
12
Index Register
PCL
Accumulator
Condition Code Register
PCH
11
1
70
Stack
I
N
T
E
R
R
U
P
T
Decreasing
Unstack
R
E
T
U
R
N
Increasing
NOTE:
Since
the
Stack
Pointer
decrements during pushes, the
PCL is stacked first, followed by
PCH, etc. Pulling from the stack is
in the reverse order.
Memory
Addresses
Memory
Addresses
Figure 4-2: Stacking Order
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com