Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05C5 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC05C5
Description  SPECIFICATION (General Release)
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05C5 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC05C5 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Page 33
Section 6: Timer
MC68HC05C5 Specification Rev. 1.2
SECTION 6
TIMER
6.1
INTRODUCTION
The timer consists of a 16-bit, software-programmable counter driven by a fixed divide-
by-four prescaler. This timer can be used for many purposes, including input waveform
measurements while simultaneously generating an output waveform. Pulse widths can
vary from several microseconds to many seconds. Refer to Figure 6-1 for a timer block
diagram.
Because the timer has a 16-bit architecture, each specific functional segment (capability)
is represented by two registers. These registers contain the high and low byte of that
functional segment. Generally, accessing the low byte of a specific timer function allows
full control of that function; however, an access of the high byte inhibits that specific timer
function until the low byte is also accessed.
Note: The I bit in the CCR should be set while manipulating both the high and low byte
register of a specific timer function to ensure that an interrupt does not occur.
Input
Capture
Register
Clock
Internal Bus
Output
Compare
Register
High
Byte
Low
Byte
$16
$17
∏∏∏
/4
Internal
Processor
16-Bit Free
Running
Counter
Counter
Alternate
Register
8-Bit
Buffer
High
Byte
Low
Byte
$1A
$1B
$18
$19
High
Byte
Low
Byte
$14
$15
Output
Compare
Circuit
Overflow
Detect
Circuit
Edge
Detect
Circuit
Timer
Status
Reg.
ICF OCF TOF $13
ICIE
IEDG OLVL
Output
Level
Reg.
RESET
Timer
Control
Reg.
$12
Output
Level
(TCMP)
Interrupt
Circuit
TOIE
OCIE
Edge
Input
(TCAP)
D
CLK
C
Q
Figure 6-1: Timer Block Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com