Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05C5 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 68HC05C5
Description  SPECIFICATION (General Release)
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05C5 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 68HC05C5 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05C5 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Page 7
Section 2: Operating Modes
MC68HC05C5 Specification Rev. 1.2
10 K
Ω
V
DD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
28
29
30
31
32
33
34
35
36
37
38
39
40
15
16
17
18
19
20
21
22
23
24
25
26
V
DD
10 K
Ω
10 K
Ω
2N3904
4.7 K
Ω
RESET
IRQ
PA5
PA4
PA3
PA2
PA1
PA0
PB0
PA6
PB1
PB2
PE
PA7
PB3
PB4
PB5
PB6
PB7
V
SS
1
µf
20 pf
10 M
Ω
4 MHz
20 pf
PC0
V
DD
OSC1
OSC2
TCAP
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
V
DD
V
TST
Figure 2-2: Self-Check Mode Schematic for the MC68HC05C5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com