Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CT4 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
General Description
Signal Description
MC68HC05CT4 — Rev. 2.0
General Release Specification
General Description
1.4 Signal Description
The following paragraphs describe the signals.
1.4.1 VDD and VSS
Power is supplied to the microcontroller’s digital circuits using these two
pins. VDD is the positive supply and VSS is ground.
1.4.2 VDD2 and VSS2
Power is supplied to noise-susceptible circuitry such as the phase-
locked loop (PLL), comparators, and oscillators that require “cleaner”
supplies using these two pins. VDD2 is the positive supply and VSS2 is
ground.
1.4.3 Maskable Interrupt Request (IRQ)
This pin has a mask option as specified by the user that provides one of
two different choices of interrupt triggering sensitivity. The options are:
1. Negative edge-sensitive triggering only
2. Both negative edge-sensitive and level-sensitive triggering
The microcontroller unit (MCU) completes the current instruction before
it responds to the interrupt request. When IRQ goes low for at least one
tILIH, a logic 1 is latched internally to signify that an interrupt has been
requested. When the MCU completes its current instruction, the interrupt
latch is tested. If the interrupt latch contains a logic 1 and the interrupt
mask bit (I bit) in the condition code register is clear, the MCU then
begins the interrupt sequence.
If the option is selected to include level-sensitive triggering, the IRQ input
requires an external resistor to VDD for wire-OR operation.
The IRQ pin contains an internal Schmitt trigger as part of its input to
improve noise immunity.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com