Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CT4 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 142 page
background image
Dual Phase-Locked Loop (PLL)
Registers
MC68HC05CT4 — Rev. 2.0
General Release Specification
Dual Phase-Locked Loop (PLL)
11.3.4 16-Bit Receive Counter Modulus Register
This 2-byte register holds the count for the 16-bit receive counter. The
receive counter is shut off and held in reset when the RXON bit is
cleared. For proper operation, this register must not be loaded with a
value less than $000F.
The modulus registers mentioned above have specific read/write logic.
When the user updates the contents of the modulus registers, the MSB
must be written first and is temporarily stored in a temporary buffer. This
inhibits the transfer of data from this level to the next level, which is the
modulus register. When the LSB is written, all 12 or 16 bits (data from
the temporary buffer and the MCU internal bus) are transferred to the
modulus register simultaneously. This prevents the loading of bad data
from the modulus register. A read of the data registers is the reverse of
a write operation. A read of the LSB buffers the MSB. A subsequent read
of the MSB reflects this buffered value. Since only one temporary buffer
exists, two sequential MSB writes of different registers will result in only
the last data value stored in the temporary buffer. The first value will be
lost.
Address:
$000F
Bit 7
654321
Bit 0
Read:
PLLRX15 PLLRX14 PLLRX13 PLLRX12 PLLRX11 PLLRX10
PLLRX9
PLLRX8
Write:
Reset:
00000000
Address:
$0010
Bit 7
654321
Bit 0
Read:
PLLRX7
PLLRX6
PLLRX5
PLLRX4
PLLRX3
PLLRX2
PLLRX1
PLLRX0
Write:
Reset:
00000000
Figure 11-5. 16-Bit Receive Counter (PLLRX)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com