Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CT4 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 142 page
background image
Interrupts
Hardware Interrupts
MC68HC05CT4 — Rev. 2.0
General Release Specification
Interrupts
4.6 Hardware Interrupts
All hardware interrupts except RESET are maskable by the I bit in the
CCR. If the I bit is set, all hardware interrupts (internal and external) are
disabled. Clearing the I bit enables the hardware interrupts. The two
types of hardware interrupts are explained in the following sections.
4.7 External Interrupt (IRQ)
The IRQ pin provides an asynchronous interrupt to the CPU. A block
diagram of the IRQ function is shown in Figure 4-2.
NOTE:
The BIH and BIL instructions will apply only to the level on the IRQ pin
itself, and not to the output of the logic OR function with the port C IRQ
interrupts. The state of the individual port C pins can be checked by
reading the appropriate port C pins as inputs.
Figure 4-2. IRQ Function Block Diagram
The IRQ pin is one source of an external interrupt. All port C pins
(PC0–PC7) act as other external interrupt sources if the keyscan feature
is enabled as specified by the user.
When edge sensitivity is selected for the IRQ interrupt, it is sensitive to:
•
Falling edge on the IRQ pin
•
Falling edge on any port C pin with keyscan enabled
IRQ
LATCH
R
IRQ PIN
LEVEL
(MASK OPTION)
TO IRQ
PROCESSING
IN CPU
PORT C
TO BIH & BIL
INSTRUCTION
SENSING
RST
IRQ VECTOR FETCH
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com