Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LP Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT1232LP
Description  5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1232LP Datasheet(HTML) 1 Page - ON Semiconductor

  CAT1232LP Datasheet HTML 1Page - ON Semiconductor CAT1232LP Datasheet HTML 2Page - ON Semiconductor CAT1232LP Datasheet HTML 3Page - ON Semiconductor CAT1232LP Datasheet HTML 4Page - ON Semiconductor CAT1232LP Datasheet HTML 5Page - ON Semiconductor CAT1232LP Datasheet HTML 6Page - ON Semiconductor CAT1232LP Datasheet HTML 7Page - ON Semiconductor CAT1232LP Datasheet HTML 8Page - ON Semiconductor CAT1232LP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CAT1232LP, CAT1832
© 2009 SCILLC. All rights reserved.
1
Doc. No. MD-3018 Rev. F
Characteristics subject to change without notice
5 V and 3.3 V Supply Monitor, Watchdog Timer,
Manual Reset, with Active High & Low Resets
FEATURES
Selectable reset voltage tolerance
— CAT1232LP for 5 V supply
— CAT1832 for 3.3 V supply
Selectable watchdog period:
150 ms, 600 ms or 1.2 s
Two reset outputs
— Active high, push-pull reset output
— Active low, open-drain reset output
(CAT1232LP)
— Active low, push-pull reset output (CAT1832)
Debounced manual push-button reset
Compact SOIC and MSOP packages
For Ordering Information details, see page 11.
APPLICATIONS
Microprocessor Systems
Portable Equipment
Controllers
Single Board Computers
Instrumentations
Telecommunications
FUNCTIONAL DIAGRAM
DESCRIPTION
The CAT1232LP and CAT1832 microprocessor
supervisors can halt and restart a “hung-up” or
“stalled” microprocessor, restart a microprocessor
after a power failure, and debounce a manual/push-
button microprocessor reset switch. The devices are
drop
in
replacements
for
the
Maxim/Dallas
Semiconductor DS1232LP and DS1832 supervisors
Precision reference and comparator circuits monitor
the 5 V or 3.3 V system power supply voltage, VCC.
During power-up or when the power supply falls
outside selectable tolerance limits, both the RESET
and RESET
¯¯¯¯¯¯ become active. After the power supply
voltage rises above the RESET threshold voltage, the
reset signals remain active for a minimum of 250ms,
allowing the power supply and system processor to
stabilize. The trip-point tolerance input, TOL, selects
the trip level tolerance to be either 5% or 10% for the
CAT1232LP 5 V supply and 10% or 20% for the
CAT1832 3.3 V supply.
Each device has a push-pull, active HIGH reset
output.
The CAT1232LP also has an open drain,
active LOW reset output while the CAT1832 also has
a push-pull, active LOW reset output.
A debounced manual reset input activates the reset
outputs and holds them active for a minimum period of
250 ms after being released.
Also included is a watchdog timer to reset a
microprocessor that has stopped due to a software or
hardware failure. Three watchdog time-out periods are
selectable: 150 ms, 600 ms and 1.2 s. If the ST
¯¯ input
is not strobed low before the watchdog time out period
expires, the reset signals become active for a
minimum of 250 ms.
ST
RESET
PBRST
40kΩ
TOL
VCC
–
+
Reference
VCC
RESET
TD
Push Button Debounce
Watchdog Timebase Selection
Reset &
Watchdog Timer
(CAT1232LP)
Watchdog Transition Detector
RESET
(CAT1832)
Tolerance Selection


Similar Part No. - CAT1232LP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
CAT1232LP CATALYST-CAT1232LP Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
179Kb / 12P
5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1232LPGL CATALYST-CAT1232LPGL Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
CAT1232LPGV CATALYST-CAT1232LPGV Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
More results

Similar Description - CAT1232LP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
14-Jun-04
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
Renesas Technology Corp
M62050P RENESAS-M62050P Datasheet
150Kb / 12P
3 V Supply System Reset with Watchdog Timer
logo
Catalyst Semiconductor
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Maxim Integrated Produc...
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com