Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LP Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT1232LP
Description  5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1232LP Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT1232LP Datasheet HTML 4Page - ON Semiconductor CAT1232LP Datasheet HTML 5Page - ON Semiconductor CAT1232LP Datasheet HTML 6Page - ON Semiconductor CAT1232LP Datasheet HTML 7Page - ON Semiconductor CAT1232LP Datasheet HTML 8Page - ON Semiconductor CAT1232LP Datasheet HTML 9Page - ON Semiconductor CAT1232LP Datasheet HTML 10Page - ON Semiconductor CAT1232LP Datasheet HTML 11Page - ON Semiconductor CAT1232LP Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT1232LP, CAT1832
Doc. No. MD-3018 Rev. F
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
SOIC 8-Lead 150mils (V)
(1)(2)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MS-012.
E1
E
A
A1
h
θ
L
c
e
b
D
PIN # 1
IDENTIFICATION
TOP VIEW
SIDE VIEW
END VIEW
A1.35
1.75
A1
0.10
0.25
b0.33
0.51
c0.19
0.25
D4.80
5.00
E5.80
6.20
E1
3.80
4.00
e
1.27 BSC
h0.25
0.50
L0.40
1.27
θ
0º
8º
SYMBOL
MIN
NOM
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com