Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LP Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT1232LP
Description  5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1232LP Datasheet(HTML) 2 Page - ON Semiconductor

  CAT1232LP Datasheet HTML 1Page - ON Semiconductor CAT1232LP Datasheet HTML 2Page - ON Semiconductor CAT1232LP Datasheet HTML 3Page - ON Semiconductor CAT1232LP Datasheet HTML 4Page - ON Semiconductor CAT1232LP Datasheet HTML 5Page - ON Semiconductor CAT1232LP Datasheet HTML 6Page - ON Semiconductor CAT1232LP Datasheet HTML 7Page - ON Semiconductor CAT1232LP Datasheet HTML 8Page - ON Semiconductor CAT1232LP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT1232LP, CAT1832
Doc. No. MD-3018 Rev. F
2
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN CONFIGURATION
SOIC 8 Lead
MSOP 8 Lead
PDIP 8 Lead
PBRST
¯¯¯¯¯¯ 1
8 VCC
TD 2
7 ST
¯¯
TOL 3
6 RESET
¯¯¯¯¯¯
GND 4
5 RESET
CAT
SOIC 16 Lead
NC 1
16 NC
PBRST
¯¯¯¯¯¯ 2
15 VCC
NC 3
14 NC
TD 4
13 ST
¯¯
NC 5
12 NC
TOL 6
11 RESET
¯¯¯¯¯¯
NC 7
10 NC
GND 8
9
RESET
CAT
PIN DESCRIPTION
Pin Number
8-Lead
Package
Pin Number
16-Lead
Package
Name
Function
1
2
PBRST
¯¯¯¯¯¯
Debounced manual pushbutton reset input
2
4
TD
Watchdog typical time delay selection:
a) tTD = 150 ms for TD = GND
b) tTD = 600 ms for TD = Open
c) tTD = 1200 ms for TD = VCC
3
6
TOL
CAT1232LP TOL selects 5% (TOL = GND) or 10% (TOL = VCC) trip
point tolerance. CAT1832 TOL selects 10% (TOL = GND) or 20%
TOL = VCC) trip point tolerance.
4
8
GND
Ground
5
9
RESET
Active HIGH reset output. RESET is active
1. If VCC falls below the reset voltage trip point
2. If PBRST
¯¯¯¯¯¯ is low
3. If ST
¯¯ is not strobed low before the timeout period set by TD expires.
4. During power-up.
6
11
RESET
Active LOW reset output. (See RESET)
7
13
ST
¯¯
Strobe Input
8
15
VCC
Power Supply
1, 3. 5, 7, 10,
12, 14, 16
NC
No internal connection
ABSOLUTE MAXIMUM RATINGS
(*)
Parameters
Ratings
Units
Voltage on VCC
-0.5 to 7.0
V
Voltage on ST
¯¯ and TD -0.5 to VCC + 0.5
V
Voltage on PBRST
¯¯¯¯¯¯,
RESET
¯¯¯¯¯¯and RESET
-0.5 to VCC + 0.5
V
Parameters
Ratings
Units
Maximum Junction Temperature
125
ºC
Storage Temperature Range
-65 to +150
ºC
Lead Soldering Temperature (10s)
300
ºC
Operating Temperature Range
-40 to +85
ºC
Note:
*
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com