Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3603 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3 x 3 mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3603 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT3603 Datasheet HTML 3Page - ON Semiconductor CAT3603 Datasheet HTML 4Page - ON Semiconductor CAT3603 Datasheet HTML 5Page - ON Semiconductor CAT3603 Datasheet HTML 6Page - ON Semiconductor CAT3603 Datasheet HTML 7Page - ON Semiconductor CAT3603 Datasheet HTML 8Page - ON Semiconductor CAT3603 Datasheet HTML 9Page - ON Semiconductor CAT3603 Datasheet HTML 10Page - ON Semiconductor CAT3603 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT3603
http://onsemi.com
10
PACKAGE DIMENSIONS
TDFN12, 3x3
CASE 511AN−01
ISSUE A
E2
P
eM
R
N
D2
E2
A3
eb
A
A1
SIDE VIEW
BOTTOM VIEW
E
D
TOP VIEW
PIN#1 INDEX AREA
PIN#1 ID
FRONT VIEW
RECOMMENDED LAND PATTERN
A1
A
L
D2
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MO-229.
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.203
b
0.18
0.23
0.30
D
2.90
3.00
3.10
D2
2.30
2.40
2.50
E
3.00
E2
1.55
1.70
1.75
e
2.90
0.45 BSC
3.10
L
0.30
0.40
0.50
M
0.25
0.30
0.35
N
0.70
P
2.70
3.00
3.10
R
0.60
2.25 TYP
0.80
0.178
0.228



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com