Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3603 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3 x 3 mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3603 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT3603 Datasheet HTML 1Page - ON Semiconductor CAT3603 Datasheet HTML 2Page - ON Semiconductor CAT3603 Datasheet HTML 3Page - ON Semiconductor CAT3603 Datasheet HTML 4Page - ON Semiconductor CAT3603 Datasheet HTML 5Page - ON Semiconductor CAT3603 Datasheet HTML 6Page - ON Semiconductor CAT3603 Datasheet HTML 7Page - ON Semiconductor CAT3603 Datasheet HTML 8Page - ON Semiconductor CAT3603 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT3603
http://onsemi.com
3
Table 3. ELECTRICAL OPERATING CHARACTERISTICS
(VIN = 3.6 V, EN = High, TAMB = 25°C over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
VEN = 0 V, shutdown mode
1x Mode, No Load
1.5x Mode, No Load
0.1
0.4
2.7
1
1
5
mA
mA
mA
VRSET
RSET Regulated Voltage
1.17
1.2
1.23
V
ILED
Programmed LED Current
IRSET = 5 mA
IRSET = 37 mA
IRSET = 78 mA
2.4
15.0
30.0
mA
ILED−ACC
LED Current Accuracy
0.5 mA ≤ ILED ≤ 3 mA
3 mA ≤ ILED ≤ 30 mA
±15
±5
%
ILED−DEV
LED Channel Matching
(ILED – ILEDAVG) / ILEDAVG
±3
%
ROUT
Output Resistance
(Open Loop)
1x Mode
1.5x Mode, IOUT = 100 mA
1.4
6.5
2.5
10
W
fOSC
Charge Pump Frequency
0.8
1.0
1.3
MHz
TDROPOUT
1x to 1.5x Mode Transition
Dropout Delay
0.4
0.6
0.9
ms
IEN
Input Leakage Current
On Input EN
1
mA
VEN
High Detect Threshold
Low Detect Threshold
On Input EN
0.4
0.8
0.7
1.3
V
ISC
Short Circuit Output Current
VOUT = GND
30
45
60
mA
ILIM
Maximum Input Current
VOUT > 1 V
200
400
600
mA
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
VUVLO
Undervoltage lock out (UVLO) threshold
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com