Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3603 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3 x 3 mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3603 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT3603 Datasheet HTML 1Page - ON Semiconductor CAT3603 Datasheet HTML 2Page - ON Semiconductor CAT3603 Datasheet HTML 3Page - ON Semiconductor CAT3603 Datasheet HTML 4Page - ON Semiconductor CAT3603 Datasheet HTML 5Page - ON Semiconductor CAT3603 Datasheet HTML 6Page - ON Semiconductor CAT3603 Datasheet HTML 7Page - ON Semiconductor CAT3603 Datasheet HTML 8Page - ON Semiconductor CAT3603 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT3603
http://onsemi.com
2
Figure 1. Typical Application Circuit
GND
VIN
3 V
to
5.5 V
20 mA
23.7 kW
LED1
LED2
LED3
RSET
EN
CAT3603
VOUT
VOUT
1 mF
CIN
C1−
C1+
C2−
C2+
1 mF
COUT
Note: Unused LED channels must be connected to VOUT.
VIN
OFF ON
1 mF1 mF
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, VOUT, LEDx voltage
−0.3 to 7.0
V
EN voltage
−0.3 to VIN
V
RSET voltage
−0.3 to VIN
V
Junction Temperature Range
−40 to +150
_C
Storage Temperature Range
−65 to +160
_C
Lead Temperature
300
_C
ESD Rating HBM (Human Body Model)
2,000
V
ESD Rating MM (Machine Model)
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
3 to 5.5
V
Ambient Temperature Range
−40 to +85
_C
Input, Output, Bucket Capacitors
1 ±20% typical
mF
ILED per LED pin
0 to 30
mA
1. Typical application circuit with external components is shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com