Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3606 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT3606 Datasheet HTML 1Page - ON Semiconductor CAT3606 Datasheet HTML 2Page - ON Semiconductor CAT3606 Datasheet HTML 3Page - ON Semiconductor CAT3606 Datasheet HTML 4Page - ON Semiconductor CAT3606 Datasheet HTML 5Page - ON Semiconductor CAT3606 Datasheet HTML 6Page - ON Semiconductor CAT3606 Datasheet HTML 7Page - ON Semiconductor CAT3606 Datasheet HTML 8Page - ON Semiconductor CAT3606 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT3606
http://onsemi.com
5
Basic Operation
At power-up, the CAT3606 starts operation in 1x mode. If
it is able to drive the programmed LED current, it continues
in 1x mode. If the battery voltage drops to a level where the
LED current cannot be met, the driver automatically
switches into 1.5x mode, to boost the output voltage high
enough to achieve the nominal LED current.
The above sequence is reinitialized each and every time
the chip is powered up or is taken out of shutdown mode (via
EN pin). The use of the Main and Sub display enable pins
(ENM or ENS) does not affect the mode of operation.
LED Current Setting
The LED current is set by the external resistor RSET
connected between the RSET pin and ground. Table 5 lists
various LED currents and the associated RSET resistor value
for standard 1% precision surface mount resistors.
Table 5. RSET Resistor Selection
LED Current (mA)
RSET (kW)
1
649
2
287
5
102
10
49.9
15
32.4
20
23.7
30
15.4
The enable lines ENM and ENS allow to turn On or Off
a group of LEDs as shown in Table 6.
Table 6. LED Selection
Control Lines
LED Outputs
EN
ENM
ENS
Main
LED1 − LED4
Sub
LED5 − LED6
0
X
X
–
–
1
1
1
–
–
1
0
1
ON
−
1
1
0
−
ON
1
0
0
ON
ON
NOTES: 1 = logic high (or VIN)
0 = logic low (or GND)
– = LED output OFF
X = don’t care
The unused LED channels can also be turned off by
connecting the respective LED pins to VOUT. In which
case, the corresponding LED driver is disabled and the
typical LED sink current is only about 0.2 mA. When the
following equation is true on any channel, the driver turns
off the LED channel:
VOUT * VLED v 1 V (LED channel OFF)
Note: The CAT3606 is designed to drive LEDs with forward
voltage greater than 1 V and is not compatible with resistive
loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com