Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3606 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT3606 Datasheet HTML 1Page - ON Semiconductor CAT3606 Datasheet HTML 2Page - ON Semiconductor CAT3606 Datasheet HTML 3Page - ON Semiconductor CAT3606 Datasheet HTML 4Page - ON Semiconductor CAT3606 Datasheet HTML 5Page - ON Semiconductor CAT3606 Datasheet HTML 6Page - ON Semiconductor CAT3606 Datasheet HTML 7Page - ON Semiconductor CAT3606 Datasheet HTML 8Page - ON Semiconductor CAT3606 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT3606
http://onsemi.com
2
Figure 1. Typical Application Circuit
CAT3606
+
−
C1+
C2+
C1−
RSET
24 kW
1 mF
1 mF
C2−
VIN
EN
RSET
VOUT
LED1
LED2
LED3
LED4
LED5
LED6
20 mA
Li−Ion
Battery
ON/OFF
ENABLE
LED1−4
ENABLE
LED5−6
GND
Main Display
Sub Display
1 mF
COUT
1 mF
CIN
ENM
ENS
Table 1. PIN DESCRIPTION
Pin #
Name
Function
1
LED6
LED6 cathode terminal
2
EN
Enable/shutdown input, active high
3
ENM
Enable “main” input for LED1 to LED4, active low
4
ENS
Enable “sub” input for LED5 and LED6, active low
5
RSET
The LED output current is set by the current sourced out of the RSET pin
6
VOUT
Charge pump output connected to the LED anodes
7
VIN
Supply voltage
8
C1+
Bucket capacitor 1 terminal
9
C1
Bucket capacitor 1 terminal
10
C2
Bucket capacitor 2 terminal
11
C2+
Bucket capacitor 2 terminal
12
LED1
LED 1 cathode terminal
13
LED2
LED 2 cathode terminal
14
LED3
LED 3 cathode terminal
15
LED4
LED 4 cathode terminal
16
LED5
LED 5 cathode terminal
PAD
GND
Ground reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com