Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3606 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT3606 Datasheet HTML 1Page - ON Semiconductor CAT3606 Datasheet HTML 2Page - ON Semiconductor CAT3606 Datasheet HTML 3Page - ON Semiconductor CAT3606 Datasheet HTML 4Page - ON Semiconductor CAT3606 Datasheet HTML 5Page - ON Semiconductor CAT3606 Datasheet HTML 6Page - ON Semiconductor CAT3606 Datasheet HTML 7Page - ON Semiconductor CAT3606 Datasheet HTML 8Page - ON Semiconductor CAT3606 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT3606
http://onsemi.com
4
Block Diagram
Figure 2. CAT3606 Functional Block Diagram
VIN
Battery
3 V to 4.2 V
1 mF
Current
Setting
1.2 V Ref
1 MHz
Oscillator
Mode Control
1x mode (LDO)
1.5x Charge Pump
EN
RSET
LED1
LED2
LED3
LED4
LED5
LED6
LED Output
Select
6 Current
Sink Regulators
VOUT
20 mA
C1−
C1+ C2−
C2+
1 mF
1 mF
1 mF
GND
Sub
Main
VIN
CIN
COUT
RSET
24 kW
ENM
ENS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com