Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002IF Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSA1002IF
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002IF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSA1002IF Datasheet HTML 10Page - STMicroelectronics TSA1002IF Datasheet HTML 11Page - STMicroelectronics TSA1002IF Datasheet HTML 12Page - STMicroelectronics TSA1002IF Datasheet HTML 13Page - STMicroelectronics TSA1002IF Datasheet HTML 14Page - STMicroelectronics TSA1002IF Datasheet HTML 15Page - STMicroelectronics TSA1002IF Datasheet HTML 16Page - STMicroelectronics TSA1002IF Datasheet HTML 17Page - STMicroelectronics TSA1002IF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
14/20
DRIVING THE ANALOG INPUT
Differential inputs
The TSA1002 has been designed to obtain
optimum performances when being differentially
driven. An RF transformer is a good way to
achieve such performances.
Figure 3 describes the schematics. The input
signal is fed to the primary of the transformer,
while the secondary drives both ADC inputs.
Figure 3 : Differential input configuration with
transformer
The common mode voltage of the ADC (INCM) is
connected to the center-tap of the secondary of
the transformer in order to bias the input signal
around this common voltage, internally set to
0.57V. The INCM is decoupled to maintain a low
noise level on this node. Our evaluation board is
mounted with a 1:1 ADT1-1WT transformer from
Minicircuits.
You
might
also
use
a
higher
impedance ratio (1:2 or 1:4) to reduce the driving
requirement on the analog signal source. For
example, with internal references, each analog
input can drive a 1Vpp amplitude input signal, so
the resultant differential amplitude is 2Vpp.
Figure 4 : AC-coupled differential input
Figure 4 represents the biasing of a differential
input signal in AC-coupled differential input
configuration. Both inputs VIN and VINB are
centered around the common mode voltage, that
can be let internal or fixed externally.
Figure 5 shows a DC-coupled configuration with
forced INCM to the DC analog input (mid-voltage)
while VREFM is connected to ground and VREFP
is let internal (1V); we achieve a 2Vpp differential
amplitude.
Figure 5 : DC-coupled 2Vpp differential analog
input
Single-ended input configuration
The single-ended input configuration of the
TSA1002 requires particular biasing and driving.
The structure being fully differential, care has to
be taken in order to properly bias the inputs in sin-
gle ended mode. Figure 6 summarizes the link
from the differential configuration to the sin-
gle-ended one; a wrong configuration is also pre-
sented.
- With differential driving, both inputs are centered
around the INCM voltage.
- The transition to single-ended configuration
implies to connect the unused input (VINB for
instance) to the DC component of the single input
(Vin) and also to the input common mode in order
to be well balanced. The mid-code is achieved at
the crossing between VIN and VINB, therefore
inputs are conveniently biased.
- Unlikely other structures of converters in which
the unused input can be grounded; in our case it
will end with unbalanced inputs and saturation of
the internal amplifiers leading to a non respect of
the output codes.
TSA1002
VIN
VINB
INCM
50
Ω
100pF
330pF
4.7uF
10nF
Analog source
1:1
ADT1-1
50
Ω
10nF
TSA1002
VIN
VINB
INCM
33pF
100k
Ω
100k
Ω
50
Ω
10nF
common
mode
TSA1002
VIN
VINB
INCM
330pF
4.7uF
10nF
analog
DC
AC+DC
VREFP
VREFM
VREFP-VREFM = 1 V
DC
analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com