Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002IF Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSA1002IF
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002IF Datasheet(HTML) 1 Page - STMicroelectronics

  TSA1002IF Datasheet HTML 1Page - STMicroelectronics TSA1002IF Datasheet HTML 2Page - STMicroelectronics TSA1002IF Datasheet HTML 3Page - STMicroelectronics TSA1002IF Datasheet HTML 4Page - STMicroelectronics TSA1002IF Datasheet HTML 5Page - STMicroelectronics TSA1002IF Datasheet HTML 6Page - STMicroelectronics TSA1002IF Datasheet HTML 7Page - STMicroelectronics TSA1002IF Datasheet HTML 8Page - STMicroelectronics TSA1002IF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
10-bit A/D converter in deep submicron
CMOS technology
Single supply voltage: 2.5V
Input range: 2Vpp differential
50Msps sampling frequency
Ultra low power consumption: 50mW @
50Msps
ENOB=9.6 @ 40Msps, Fin=24MHz
SFDR typically up to 72dB @ 50Msps,
Fin=5MHz
Built-in reference voltage with external bias
capability
Pinout compatibility with TSA0801, TSA1001
and TSA1201
DESCRIPTION
The TSA1002 is a 10-bit, 50Msps sampling
frequency Analog to Digital converter using a
CMOS technology combining high performances
and very low power consumption.
The TSA1002 is based on a pipeline structure and
digital error correction to provide excellent static
linearity and guarantee 9.6 effective bits at
Fs=40Msps, and Fin=24MHz.
A voltage reference is integrated in the circuit to
simplify
the
design
and
minimize
external
components. It is nevertheless possible to use the
circuit with an external reference.
Especially designed for high speed, low power
applications, the TSA1002 only dissipates 50mW
at 50Msps. A tri-state capability, available on the
output buffers, enables to address several slave
ADCs by a unique master.
The output data can be coded into two different
formats. A Data Ready signal is raised as the data
is valid on the output and can be used for
synchronization purposes.
The TSA1002 is available in commercial (0 to
+70 C) and extended (-40 to +85 C) temperature
range, in a small 48 pins TQFP package.
APPLICATIONS
Medical imaging and ultrasound
Portable instrumentation
Cable Modem Receivers
High resolution fax and scanners
High speed DSP interface
ORDER CODE
PIN CONNECTIONS (top view)
PACKAGE
Part Number
Temperature
Range
Package
Conditioning
Marking
TSA1002CF
0 C to +70 C
TQFP48
Tray
SA1002C
TSA1002CFT
0 C to +70 C
TQFP48
Tape & Reel
SA1002C
TSA1002IF
-40 C to +85 C
TQFP48
Tray
SA1002I
TSA1002IFT
-40 C to +85 C
TQFP48
Tape & Reel
SA1002I
EVAL1002/AA
Evaluation board
VREFM
VREFP
D0 (LSB)
D1
D2
D3
D4
D5
D6
VINB
AGND
AGND
index
corner
13
14 15
16
17
18
19
20
21
22
1
2
3
4
5
6
7
8
9
10
11
12
23
24
32
31
30
29
28
27
26
25
33
35
34
36
47
48
44
43
42
41
40
39
38
37
46
45
AGND
VIN
D7
D8
AVCC
AVCC
AGND
IPOL
INCM
NC
NC
NC
TSA1002
7 x 7 mm TQFP48
TSA1002
10-BIT, 50MSPS, 50mW A/D CONVERTER
April 2004
NOT FOR NEW DESIGN
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TSA1002IF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1002IF STMICROELECTRONICS-TSA1002IF Datasheet
239Kb / 19P
10-BIT, 50MSPS, 50mW A/D CONVERTER
Oct-2000
TSA1002IFT STMICROELECTRONICS-TSA1002IFT Datasheet
239Kb / 19P
10-BIT, 50MSPS, 50mW A/D CONVERTER
Oct-2000
More results

Similar Description - TSA1002IF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA1002 STMICROELECTRONICS-TSA1002 Datasheet
239Kb / 19P
10-BIT, 50MSPS, 50mW A/D CONVERTER
Oct-2000
TSA1201 STMICROELECTRONICS-TSA1201 Datasheet
220Kb / 20P
12-BIT, 50MSPS, 150mW A/D CONVERTER
Mar-2001
logo
Sony Corporation
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2307R SONY-CXD2307R Datasheet
250Kb / 14P
10-bit 50MSPS RGB 3-channel D/A Converter
CXD2308Q SONY-CXD2308Q Datasheet
225Kb / 14P
10-bit 50MSPS RGB 3-channel D/A Converter
CXD2309Q SONY-CXD2309Q Datasheet
243Kb / 16P
10-bit 50MSPS RGB 3-channel D/A Converter
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
8-Bit, 50MSPS, Video A/D Converter with Clamp Function
October 25, 2005
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
Triple Video A/D Converter 8-Bit, 50Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com