Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002IF Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSA1002IF
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002IF Datasheet(HTML) 3 Page - STMicroelectronics

  TSA1002IF Datasheet HTML 1Page - STMicroelectronics TSA1002IF Datasheet HTML 2Page - STMicroelectronics TSA1002IF Datasheet HTML 3Page - STMicroelectronics TSA1002IF Datasheet HTML 4Page - STMicroelectronics TSA1002IF Datasheet HTML 5Page - STMicroelectronics TSA1002IF Datasheet HTML 6Page - STMicroelectronics TSA1002IF Datasheet HTML 7Page - STMicroelectronics TSA1002IF Datasheet HTML 8Page - STMicroelectronics TSA1002IF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
3/20
PIN CONNECTIONS (top view)
PIN DESCRIPTION
VREFM
VREFP
D0 (LSB)
D1
D2
D3
D4
D5
D6
VINB
AGND
AGND
index
corner
13
14 15
16
17
18
19
20
21
22
1
2
3
4
5
6
7
8
9
10
11
12
23
24
32
31
30
29
28
27
26
25
33
35
34
36
47
48
44
43
42
41
40
39
38
37
46
45
AGND
VIN
D7
D8
AVCC
AVCC
AGND
IPOL
INCM
NC
NC
NC
TSA1002
Pin No
Name
Description
Observation
Pin No
Name
Description
Observation
1
IPOL
Analog bias current input
25
D8
Digital output
CMOS output (2.5V)
2
VREFP
Top voltage reference
1V
26
D7
Digital output
CMOS output (2.5V)
3
VREFM
Bottom voltage reference
0V
27
D6
Digital output
CMOS output (2.5V)
4
AGND
Analog ground
0V
28
D5
Digital output
CMOS output (2.5V)
5
VIN
Analog input
1Vpp
29
D4
Digital output
CMOS output (2.5V)
6
AGND
Analog ground
0V
30
D3
Digital output
CMOS output (2.5V)
7
VINB
Inverted analog input
1Vpp
31
D2
Digital output
CMOS output (2.5V)
8
AGND
Analog ground
0V
32
D1
Digital output
CMOS output (2.5V)
9
INCM
Input common mode
0.5V
33
D0(LSB)
Least Significant Bit output
CMOS output (2.5V)
10
AGND
Analog ground
0V
34
NC
Non connected
11
AVCC
Analog power supply
2.5V
35
NC
Non connected
12
AVCC
Analog power supply
2.5V
36
NC
Non connected
13
DVCC
Digital power supply
2.5V
37
NC
Non connected
14
DVCC
Digital power supply
2.5V
38
DR
Data Ready output
CMOS output (2.5V)
15
DGND
Digital ground
0V
39
VCCB
Digital Buffer power supply
2.5V
16
CLK
Clock input
2.5V compatible CMOS input
40
GNDB
Digital Buffer ground
0V
17
DGND
Digital ground
0V
41
VCCB
Digital Buffer power supply
2.5V
18
NC
Non connected
42
NC
Non connected
19
DGND
Digital ground
0V
43
NC
Non connected
20
GNDB
Digital buffer ground
0V
44
OEB
Output Enable input
2.5V compatible CMOS input
21
GNDB
Digital buffer ground
0V
45
DFSB
Data Format Select input
2.5V compatible CMOS input
22
VCCB
Digital buffer power supply
2.5V
46
AVCC
Analog power supply
2.5V
23
OR
Out Of Range output
CMOS output (2.5V)
47
AVCC
Analog power supply
2.5V
24
D9(MSB)
Most Significant Bit output
CMOS output (2.5V)
48
AGND
Analog ground
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com