Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 53 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button DSM2180F3_08 Datasheet HTML 49Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 50Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 51Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 52Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 53Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 54Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 55Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 56Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
53/63
DSM2180F3
Table 31. Read Timing
Note: 1. Any input used to select an internal DSM function.
Figure 34. Read Timing
Symbol
Parameter
Conditions
-90
Turbo
Off
Unit
Min
Max
tAVQV
Address Valid to Data Valid
(Note 1)
90
Add 10
ns
tSLQV
CS Valid to Data Valid
100
ns
tRLQV
RD to Data Valid 8-Bit Bus
32
ns
tRHQX
RD Data Hold Time
1
ns
tRLRH
RD Pulse Width
32
ns
tRHQZ
RD to Data High-Z
10
ns
tAVQV
tSLQV
tRLQV
tRHQX
tRHQZ
tRLRH
ADDRESS
VALID
DATA
VALID
ADDRESS
NON-MULTIPLEXED
BUS
DATA
NON-MULTIPLEXED
BUS
CSI
RD
AI04908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com