Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 49 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button DSM2180F3_08 Datasheet HTML 45Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 46Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 47Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 48Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 49Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 50Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 51Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 52Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
49/63
DSM2180F3
Table 27. CPLD Combinatorial Timing
Note: 1. Fast Slew Rate output available on PB3-PB0, and PD2-PD0.
Symbol
Parameter
Conditions
-90
Fast PT
Alloc
Turbo
Off
Slew
Rate1
Unit
Min
Max
tPD
CPLD Input Pin/Feedback to
CPLD Combinatorial Output
25
Add 2
Add 10
Sub 2
ns
tEA
CPLD Input to CPLD Output
Enable
26
Add 10
Sub 2
ns
tER
CPLD Input to CPLD Output
Disable
26
Add 10
Sub 2
ns
tARP
CPLD Register Clear or Preset
Delay
26
Add 10
Sub 2
ns
tARPW
CPLD Register Clear or Preset
Pulse Width
20
Add 10
ns
tARD
CPLD Array Delay
Any Macrocell
16
Add 2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com