Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 44 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button DSM2180F3_08 Datasheet HTML 40Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 41Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 42Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 43Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 44Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 45Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 46Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 47Page - STMicroelectronics DSM2180F3_08 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
44/63
AC/DC PARAMETERS
These tables describe the AD and DC parameters
of the device:
❏ DC Electrical Specification
❏ AC Timing Specification
■ PLD Timing
– Combinatorial Timing
– Synchronous Clock Mode
– Asynchronous Clock Mode
– Input Macrocell Timing
■ DSP Timing
– Read Timing
–Write Timing
– Reset Timing
The following are issues concerning the parame-
ters presented:
■ In the DC specification the supply current is
given for different modes of operation. Before
calculating the total power consumption,
determine the percentage of time that the
device is in each mode. Also, the supply power
is considerably different if the Turbo bit is 0.
■ The AC power component gives the PLD and
Flash memory a mA/MHz specification. Figure
25 show the PLD mA/MHz as a function of the
number of Product Terms (PT) used.
■ In the PLD timing parameters, add the required
delay when Turbo bit is 0.
Figure 25. PLD ICC /Frequency Consumption
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
(100%)
TURBO
ON
(25%)
TURBO
OFF
PT 100%
PT 25%
AI02894



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com