Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SB7 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
LOW POWER MODES
MOTOROLA
REV 2.1
6-5
To put the MCU in the data retention mode:
1.
Drive the RESET pin to a logic zero.
2.
Lower the VDD voltage. The RESET pin must remain low continuously
during data retention mode.
To take the MCU out of the data retention mode:
1.
Return VDD to normal operating voltage.
2.
Return the RESET pin to a logic one.
6.4
SLOW MODE
The Slow Mode feature permits a slow down of all the internal operations and thus
reduces power consumption. It is particularly useful while going to the WAIT
mode. Slow mode is enabled by setting the SCLK bit in the Miscellaneous Control
Register ($0B).
SCLK — Slow Clock
Setting this bit to one will slow down the internal oscillator. Setting this bit to
zero the system will run at the nominal bus speed (fosc/2). This bit is cleared
during power-on or external reset.
1 =
Slow clock selected:
Internal operating frequency, fOP=fBUS=fOSC/1600.
0 =
Normal clock selected:
Internal operating frequency, fOP=fBUS=fOSC/2.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MCR
R
TSEN
LVRON
0
SCLK
CSSEL
TCSEL
ESVEN
SMINLEV
$000B
W
COPON
reset:
01000000
U = UNAFFECTED BY RESET
Figure 6-2. Miscellaneous Control Register (MCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com