Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SB7 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 2Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
MC68HC05SB7
iv
REV 2.1
TABLE OF CONTENTS
Section
Page
SECTION 12
SM-BUS
12.1
SM-BUS INTRODUCTION............................................................................. 12-1
12.2
SM-BUS INTERFACE FEATURES................................................................ 12-1
12.3
SM-BUS SYSTEM CONFIGURATION .......................................................... 12-2
12.4
SM-BUS PROTOCOL .................................................................................... 12-2
12.4.1
START Signal ............................................................................................ 12-3
12.4.2
Slave Address Transmission ..................................................................... 12-3
12.4.3
Data Transfer............................................................................................. 12-3
12.4.4
Repeated START Signal ........................................................................... 12-4
12.4.5
STOP Signal .............................................................................................. 12-4
12.4.6
Arbitration Procedure................................................................................. 12-4
12.4.7
Clock Synchronization ............................................................................... 12-5
12.4.8
Handshaking.............................................................................................. 12-5
12.5
SM-BUS REGISTERS ................................................................................... 12-5
12.5.1
SM-Bus Address Register (SMADR) ......................................................... 12-6
12.5.2
SM-Bus Frequency Divider Register (SMFDR) ......................................... 12-6
12.5.3
SM-Bus Control Register (SMCR) ............................................................. 12-7
12.5.4
SM-Bus Status Register (SMSR)............................................................... 12-8
12.5.5
SM-Bus Data I/O Register (SMDR) ......................................................... 12-10
12.5.6
SM-Bus logic Level .................................................................................. 12-10
12.5.7
SCL as16-bit Timer Input Capture ........................................................... 12-10
12.6
PROGRAMMING CONSIDERATIONS........................................................ 12-11
12.6.1
Initialization .............................................................................................. 12-11
12.6.2
Generation of a START Signal and the First Byte of Data Transfer ........ 12-11
12.6.3
Software Responses after Transmission or Reception of a Byte ............ 12-11
12.6.4
Generation of the STOP Signal ............................................................... 12-13
12.6.5
Generation of a Repeated START Signal................................................ 12-14
12.6.6
Slave Mode.............................................................................................. 12-14
12.6.7
Arbitration Lost......................................................................................... 12-14
12.7
OPERATION DURING WAIT MODE ........................................................... 12-14
12.8
OPERATION DURING STOP MODE .......................................................... 12-14
SECTION 13
CURRENT SENSE AMPLIFIER
13.1
CURRENT SENSE AMPLIFIER APPLICATION............................................ 13-1
13.2
CURRENT SENSE INTERRUPT................................................................... 13-2
13.3
CSA STATUS AND CONTROL REGISTER (CSSCR) .................................. 13-2
13.4
CSA OPERATION DURING WAIT MODE..................................................... 13-4
13.5
CSA OPERATION DURING STOP MODE.................................................... 13-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com