Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SB7 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
GENERAL DESCRIPTION
MOTOROLA
REV 2.1
1-1
SECTION 1
GENERAL DESCRIPTION
The MC68HC05SB7 HCMOS microcontroller is a member of the M68HC05 family
of low-cost single-chip microcontrollers. This 8-bit microcontroller unit (MCU),
which contains an internal oscillator, CPU, RAM, ROM, personality EPROM, I/O,
16-bit timer, core timer, watchdog system, LVR, SM-Bus, PWM, current sense
amplifier, internal temperature sensor and A/D, is designed specifically for smart
battery applications.
1.1
FEATURES
•
Industry standard 8-bit M68HC05 CPU core
•
Power saving STOP, WAIT, DATA-RETENTION and SLOW modes
•
2.1MHz maximum bus frequency from internal VCO or external pin
oscillator
•
6144 bytes of user ROM with the security feature
•
224 bytes of user RAM (64 bytes for stack)
•
System calibration characteristics by 64-bit Personality EPROM
•
19 bidirectional I/O lines
– 4 shared with SM-Bus
– 4 shared with PWM
– 4 shared with A/D analog channels input
– 2 shared with current detect output
– 1 shared with Timer Input Capture (TCAP)
•
16-bit Programmable Timer with Input Capture/Output Compare (driven
by interrupt)
•
15-stage multi-function Core Timer including 8-bit free-running counter
and 4-stage selectable real-time interrupt generator
•
Built-in current sensing amplifiers with selectable gain of 10 and 30
•
Two voltage comparators which can be combined with the 16-bit Timer
to create an 8-channel, single-slope Analog to Digital Converter
•
Built-in internal temperature sensor from 0
°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com