Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC805P18 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 68HC805P18
Description  SPECIFICATION (General Release)
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC805P18 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 68HC805P18 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
GENERAL RELEASE SPECIFICATION
MEMORY
MC68HC805P18
2-4
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
Figure 2-2. MC68HC805P18 I/O and Control Registers Memory Map
PORT A DATA REGISTER
$0000
PORT B DATA REGISTER
$0001
PORT C DATA REGISTER
$0002
PORT D DATA REGISTER
$0003
PORT A DATA DIRECTION REGISTER
$0004
PORT B DATA DIRECTION REGISTER
$0005
PORT C DATA DIRECTION REGISTER
$0006
PORT D DATA DIRECTION REGISTER
$0007
UNIMPLEMENTED
$0008
UNIMPLEMENTED
$0009
SIOP CONTROL REGISTER
$000A
SIOP STATUS REGISTER
$000B
SIOP DATA REGISTER
$000C
UNIMPLEMENTED
$000D
UNIMPLEMENTED
$000E
UNIMPLEMENTED
$000F
UNIMPLEMENTED
$0010
RESERVED
$0011
TIMER CONTROL REGISTER
$0012
TIMER STATUS REGISTER
$0013
INPUT CAPTURE MOST SIGNIFICANT BIT
$0014
INPUT CAPTURE LEAST SIGNIFICANT BIT
$0015
OUTPUT COMPARE MOST SIGNIFICANT BIT
$0016
OUTPUT COMPARE LEAST SIGNIFICANT BIT
$0017
TIMER MOST SIGNIFICANT BIT
$0018
TIMER LEAST SIGNIFICANT BIT
$0019
ALTERNATE COUNTER MOST SIGNIFICANT BIT
$001A
ALTERNATE COUNTER LEAST SIGNIFICANT BIT
$001B
EEPROM PROGRAMMING REGISTER
$001C
A/D CONVERTER DATA REGISTER
$001D
A/D CONVERTER CONTROL AND STATUS REGISTER
$001E
RESERVED
$001F
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com