Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC805P18 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 68HC805P18
Description  SPECIFICATION (General Release)
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC805P18 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 68HC805P18 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
GENERAL RELEASE SPECIFICATION
INTRODUCTION
MC68HC805P18
1-4
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
1.4 Functional Pin Description
The following paragraphs describe the functionality of each pin on the
MC68HC805P18 package. Pins connected to subsystems described in other
sections provide a reference to the section instead of a detailed functional
description.The pinout is shown in Figure 1-2.
Figure 1-2. User Mode Pinout
1.4.1 V
DD and VSS
Power is supplied to the MCU through V
DD and VSS. VDD is connected to a
regulated positive supply and V
SS is connected to ground.
Very fast signal transitions occur on the MCU pins. The short rise and fall times
place very high short-duration current demands on the power supply. To prevent
noise problems, take special care to provide good power supply bypassing at the
MCU. Use bypass capacitors with good high-frequency characteristics, and
position them as close to the MCU as possible. Bypassing requirements vary,
depending on how heavily the MCU pins are loaded.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RESET
IRQ
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
SDO/PB5
SDI/PB6
SCK/PB7
VSS
VDD
OSC1
OSC2
PD7/TCAP
TCMP
PD5/CKOUT
PC0
PC1
PC2
PC3/AD3
PC4/AD2
PC5/AD1
PC6/AD0
PC7/VREFH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com