Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC805P18 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 68HC805P18
Description  SPECIFICATION (General Release)
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC805P18 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 68HC805P18 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC805P18 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
GENERAL RELEASE SPECIFICATION
INPUT/OUTPUT PORTS
Rev. 1.0
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
7.6 I/O Port Programming
Each pin on ports A through port D (except pin 7 of port D) may be programmed
as an input or an output under software control as shown in Table 7-1, Table 7-2,
Table 7-3, and Table 7-4. The direction of a pin is determined by the state of its
corresponding bit in the associated port data direction register (DDR). A pin is
configured as an output if its corresponding DDR bit is set to a logic one. A pin is
configured as an input if its corresponding DDR bit is cleared to a logic zero.
Table 7-1. Port A I/O Functions
DDRA
I/O Pin Mode
Access to DDRA
@ $0004
Access to Data
Register @ $0000
Read/Write
Read
Write
0
Input, High Impedance
DDRA0–DDRA7
I/O Pin
*
1
Output
DDRA0–DDRA7
PA0–PA7
PA0–PA7
*Does not affect input, but stored to data register
Table 7-2. Port B I/O Functions
DDRB
I/O Pin Mode
Access to DDRA
@ $0005
Access to Data
Register @ $0001
Read/Write
Read
Write
0
Input, High Impedance
DDRB5–DDRB7
I/O Pin
*
1
Output
DDRB5–DDRB7
PB5–PB7
PB5–PB7
*Does not affect input, but stored to data register
Table 7-3. Port C I/O Functions
DDRA
I/O Pin Mode
Access to DDRA
@ $0006
Accesses to Data
Register @ $0002
Read/Write
Read
Write
0
Input, High Impedance
DDRC0–DDRC7
I/O Pin
*
1
Output
DDRC0–DDRC7
PC0–PC7
PC0–PC7
*Does not affect input, but stored to data register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com