Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6520 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM6520
Description  Dual push-button Smart Reset??with push-button controlled output delay
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6520 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM6520 Datasheet HTML 2Page - STMicroelectronics STM6520 Datasheet HTML 3Page - STMicroelectronics STM6520 Datasheet HTML 4Page - STMicroelectronics STM6520 Datasheet HTML 5Page - STMicroelectronics STM6520 Datasheet HTML 6Page - STMicroelectronics STM6520 Datasheet HTML 7Page - STMicroelectronics STM6520 Datasheet HTML 8Page - STMicroelectronics STM6520 Datasheet HTML 9Page - STMicroelectronics STM6520 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Device overview
STM6520
6/23
Doc ID 15953 Rev 5
2
Device overview
Table 1.
Signal names
Symbol
Input/output
Description
RST1
Output
First reset output, active-low, open-drain.
RST2
Output
Second reset output, active-high, push-pull.
SR0
Input
Primary push-button Smart Reset™ input. Active-low.
SR1
Input
Secondary push-button Smart Reset™ input. Active-low.
DSR
Input
A dual-state Smart Reset™ input delay selection pin. When
connected to ground, tSRC = 7.5 s; when connected to VCC,
tSRC = 12.5 s (typ.). DSR is a DC-type input, intended to be either
permanently grounded or permanently connected to VCC.
VCC
Supply voltage
Positive supply voltage for the device. A 0.1 µF decoupling ceramic
capacitor is recommended to be connected between VCC and VSS
pins.
VSS
Supply ground Ground
NC
No connect (not bonded; should be connected to VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com