Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6520 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM6520
Description  Dual push-button Smart Reset??with push-button controlled output delay
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6520 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM6520 Datasheet HTML 7Page - STMicroelectronics STM6520 Datasheet HTML 8Page - STMicroelectronics STM6520 Datasheet HTML 9Page - STMicroelectronics STM6520 Datasheet HTML 10Page - STMicroelectronics STM6520 Datasheet HTML 11Page - STMicroelectronics STM6520 Datasheet HTML 12Page - STMicroelectronics STM6520 Datasheet HTML 13Page - STMicroelectronics STM6520 Datasheet HTML 14Page - STMicroelectronics STM6520 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
STM6520
Maximum rating
Doc ID 15953 Rev 5
11/23
6
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to +150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
θJA
Thermal resistance (junction to ambient)
TDFN8
149.0
°C/W
VIO
Input or output voltage
–0.3 to 5.5(2)
2.
For RST2 –0.3 to VCC +0.3 V only.
V
VCC
Supply voltage
–0.3 to 7
V
ESD
VHBM
Electrostatic discharge protection, human body model,
all pins (JESD22-A114-B level 2)
2kV
VRCDM
Electrostatic discharge protection, charged device model,
all pins
1kV
VMM
Electrostatic discharge protection, machine model, all pins
(JESD22-A115-A level A)
200
V
Latch-up (VCC pin, reset input pins)
EIA/JESD78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com