Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6520 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM6520
Description  Dual push-button Smart Reset??with push-button controlled output delay
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6520 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM6520 Datasheet HTML 6Page - STMicroelectronics STM6520 Datasheet HTML 7Page - STMicroelectronics STM6520 Datasheet HTML 8Page - STMicroelectronics STM6520 Datasheet HTML 9Page - STMicroelectronics STM6520 Datasheet HTML 10Page - STMicroelectronics STM6520 Datasheet HTML 11Page - STMicroelectronics STM6520 Datasheet HTML 12Page - STMicroelectronics STM6520 Datasheet HTML 13Page - STMicroelectronics STM6520 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Typical operating characteristics
STM6520
10/23
Doc ID 15953 Rev 5
5
Typical operating characteristics
Figure 8.
Supply current (ICC) vs. temperature
Figure 9.
Smart Reset™ delay (tSRC) vs. temperature, DSR = VSS
0
0.5
1
1.5
2
2.5
3
–40
–20
0
20
40
60
80
100
120
140
Temperature [˚C]
ICC [µA]
5.5 V
3.3 V
2 V
AM00624
AM00625
6
6.5
7
7.5
8
8.5
9
–40
–20
0
20
40
60
80
100
120
140
Temperature [˚C]
tSRC [s]
5.5 V
3.3 V
2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com