Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6510VCACDG6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM6510VCACDG6F
Description  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510VCACDG6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM6510VCACDG6F Datasheet HTML 2Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 3Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 4Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 5Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 6Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 7Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 8Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 9Page - STMicroelectronics STM6510VCACDG6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Description
STM6510
6/26
Doc ID 16788 Rev 2
Figure 1.
Logic diagram
Figure 2.
Pin connections
Table 1.
Signal names
Symbol
Input/output
Description
RST
Output
Reset output, active-low (open-drain).
SR0
Input
Primary push-button Smart Reset™ input. Active-low, internal 65 k
Ω
pull-up resistor to VCC.
SR1
Input
Secondary push-button Smart Reset™ input. Active-low, internal 65 k
Ω
pull-up resistor to VCC.
SRC
Input
Smart Reset™ input delay setup control. Connect an external capacitor
to this pin to adjust the delay setup time (tSRC).
TRECADJ
Input
Input pin for tREC reset pulse duration adjustment. Connect an external
capacitor (CtREC) to this pin to determine tREC.
VCC
Supply
Supply voltage input. Power supply for the device and an input for the
monitored supply voltage. A 0.1 µF decoupling ceramic capacitor is
recommended to be connected between VCC and VSS pins.
VSS
Supply
Ground
NC
No connect (not bonded); should be connected to VSS.
AM00389a
VCC
RST
TRECADJ
VSS
STM6510
SR1
SR0
SRC
AM00390
NC
TRECADJ
SRC
1
2
3
STM
6510
4
8
7
6
5
RST
VSS
VCC
SR1
SR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com